Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS335.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMS335..
Description  Power SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS335.. Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMS335.. Datasheet HTML 1Page - Vishay Siliconix VLMS335.. Datasheet HTML 2Page - Vishay Siliconix VLMS335.. Datasheet HTML 3Page - Vishay Siliconix VLMS335.. Datasheet HTML 4Page - Vishay Siliconix VLMS335.. Datasheet HTML 5Page - Vishay Siliconix VLMS335.. Datasheet HTML 6Page - Vishay Siliconix VLMS335.. Datasheet HTML 7Page - Vishay Siliconix VLMS335.. Datasheet HTML 8Page - Vishay Siliconix VLMS335.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VLMS335.., VLMR335.., VLMK335.., VLMO335.., VLMY335..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 14-Sep-2022
5
Document Number: 84911
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Change of Forward Voltage vs. Ambient Temperature
Fig. 8 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 9 - Change of Dominant Wavelength vs. Ambient Temperature
10
100
1000
10000
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
2nd line
super red
red
amber
soft orange
yellow
22188
0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20406080
100
Tamb - Ambient Temperature (°C)
yellow
soft orange
super red
amber
red
22189
-8
-6
-4
-2
0
2
4
6
8
10
-40
-20
0
20406080
100
Tamb - Ambient Temperature (°C)
super red
red
amber
soft orange
yellow



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com