Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS335.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMS335..
Description  Power SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS335.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMS335.. Datasheet HTML 1Page - Vishay Siliconix VLMS335.. Datasheet HTML 2Page - Vishay Siliconix VLMS335.. Datasheet HTML 3Page - Vishay Siliconix VLMS335.. Datasheet HTML 4Page - Vishay Siliconix VLMS335.. Datasheet HTML 5Page - Vishay Siliconix VLMS335.. Datasheet HTML 6Page - Vishay Siliconix VLMS335.. Datasheet HTML 7Page - Vishay Siliconix VLMS335.. Datasheet HTML 8Page - Vishay Siliconix VLMS335.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VLMS335.., VLMR335.., VLMK335.., VLMO335.., VLMY335..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 14-Sep-2022
2
Document Number: 84911
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS335.., SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMS335T1U2
IV
280
390
710
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
626
630
639
nm
Peak wavelength
IF = 20 mA
λp
-
639
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 20 mA
Δλ
-18-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
1.822.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMR335.., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMR335U1V2
IV
450
560
1120
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
619
625
631
nm
Peak wavelength
IF = 20 mA
λp
-
632
-
nm
Spectral bandwidth
at 50 % Irel max.
IF = 20 mA
Δλ
-18-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
1.822.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMK335.., AMBER
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMK335U1V2
IV
450
630
1120
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
611
616
622
nm
Peak wavelength
IF = 20 mA
λp
-
622
-
nm
Spectral bandwidth
at 50 % Irel max.
IF = 20 mA
Δλ
-18-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
1.8
2.1
2.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO335.., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMO335U2AA
IV
560
700
1400
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
600
605
611
nm
Peak wavelength
IF = 20 mA
λp
-
611
-
nm
Spectral bandwidth
at 50 % Irel max.
IF = 20 mA
Δλ
-17-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
1.8
2.1
2.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com