Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT Datasheet(PDF) 4 Page - TDK Electronics

Part # ACT
Description  Common mode filters Automotive signal line (for power train/safety)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT Datasheet(HTML) 4 Page - TDK Electronics

  ACT Datasheet HTML 1Page - TDK Electronics ACT Datasheet HTML 2Page - TDK Electronics ACT Datasheet HTML 3Page - TDK Electronics ACT Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221027
(4/4)
cmf_automotive_signal_act1210e_en.fm
EMC Components
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using this products.
The storage period is within 12 months. Be sure to follow the storage conditions (temperature: 5 to 40°C, humidity: 10 to 75% RH
or less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due
to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use products that have received any excessive mechanical shock such as by being dropped.
The performance of the product may deteriorate or at the worst case open if coating materials are used, thus please assess the
situation beforehand by tak-ing this factor into consideration.
Due to the application of mechanical stress after mounting and handling such as contact, disconnection may occur.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this specification sheet (the “Products”) are intended for incorporation into automobile and/or equipment to
be installed in automobile on the grounds that (i) the Products are used in accordance with the conditions and scope stated in this
specification sheet and (ii) said automobile and/or equipment involving the Products are used under a normal operation and use
condition.
Except for said incorporation into automobile and/or equipment installed in automobile, the Products are not designed or war-
ranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level
of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. Please
understand that we are not responsible for any damage or liability caused by use of the Products in any of the applications listed
below or for any other use exceeding the range or conditions set forth in this specification sheet. If you intend to use the Products
beyond the condition and scope of this specification sheet or in any of the applications listed below, please contact with our sales
office. We will separately discuss with you applicable specification suitable for your intended use:
1) Aerospace/Aviation equipment,
2) Transportation equipment (e.g. train, ship),
3) Medical equipment which directly endanger human life,
4) Power-generation control equipment,
5) Atomic energy-related equipment,
6) Seabed equipment,
7) Transportation control equipment (e.g. train, ship),
8) Public information-processing equipment,
9) Military equipment,
10) Electric heating apparatus / burning equipment,
11) Disaster prevention/crime prevention equipment,
12) Safety equipment, or
13) Other applications that are not considered general-pur-
pose applications.
When designing your equipment involving the Products, you are kindly requested to take into consideration securing protection cir-
cuit/equipment or providing backup circuits, etc. in your equipment, to ensure higher safety.
As stated above, the Products are intended for incorporation into automobile and/or equipment to be installed in automobile, however,
it is not prohibited to use the Products for general electronic equipment which is not required the same high level or reliability as auto-
mobile, or which is unlikely to damage its users’ life, body and property or to cause extensive impact on society. Accordingly, all
description in this specification sheet is applied if the Products are incorporated into general electronic equipment which is used for
normal application under a normal operation and use condition.
REMINDERS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com