Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT Datasheet(PDF) 1 Page - TDK Electronics

Part # ACT
Description  Common mode filters Automotive signal line (for power train/safety)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT Datasheet(HTML) 1 Page - TDK Electronics

  ACT Datasheet HTML 1Page - TDK Electronics ACT Datasheet HTML 2Page - TDK Electronics ACT Datasheet HTML 3Page - TDK Electronics ACT Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221027
(1/4)
cmf_automotive_signal_act1210e_en.fm
EMC Components
Common mode filters
Automotive signal line (for power train/safety)
ACT series
ACT1210E type
FEATURES
Common mode filters for automotive Ethernet 10BASE-T1S, compatible with an operating temperature range of –40 to +125°C.
This product achieves high S-parameter while realizing high reliability by metallizing terminals and laser welding using a proprietary
method.
Operating temperature range: –40 to +125°C
Compliant with AEC-Q200
APPLICATION
For Ethernet 10BASE-T1S system (10BASE-T1S)
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Rated current temperature characteristics (Derating)
Measurement equipment
* Equivalent measurement equipment may be used.
ACT1210E
-
241
-
2P
-
TL
00
Series • type name
Inductance(typ.)
Number of lines
Packaging style
Internal code
(µH)
Common mode inductance
[100kHz]at 25°C
DC resistance
at 25°C
Insulation resistance
at 25°C
Rated current
at 25°C
Rated voltage
at 25°C
Part No.
(µH)
Tolerance
(
)max.
(M
)min.
(mA)max.
(V)max.
240
+50%/–20%
4.1
10
70
80
ACT1210E-241-2P-TL00
Measurement item
Product No.
Manufacturer
Common mode inductance
4294A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies
AEC-Q200
Ambient temperature(°C)
0
10
20
30
40
50
60
70
80
90
25
45
65
85
105
125
ACT1210E-241
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - ACT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACT ABRACON-ACT Datasheet
410Kb / 1P
CRYSTAL CLOCK OSCILLATORS
logo
Magnelab.
ACT-0024-100 MAGNELAB-ACT-0024-100 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-100-1A MAGNELAB-ACT-0024-100-1A Datasheet
214Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-100/1A, 1 Amp Output
ACT-0024-200 MAGNELAB-ACT-0024-200 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-300 MAGNELAB-ACT-0024-300 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
More results

Similar Description - ACT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
Common Mode Filters For general signal line
ACM12V-701-2PL-TL00 TDK-ACM12V-701-2PL-TL00_16 Datasheet
106Kb / 7P
Common Mode Filters For automotive power line
ACM70V-701-2PL-TL00 TDK-ACM70V-701-2PL-TL00_16 Datasheet
106Kb / 7P
Common Mode Filters For automotive power line
ACM90V-701-2PL-TL00 TDK-ACM90V-701-2PL-TL00_16 Datasheet
105Kb / 7P
Common Mode Filters For automotive power line
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003_16 Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
ACT45R TDK-ACT45R Datasheet
172Kb / 4P
Common mode filters Automotive signal line
ACT1210 TDK-ACT1210 Datasheet
211Kb / 4P
Common mode filters Automotive signal line
ACT1210G TDK-ACT1210G Datasheet
181Kb / 4P
Common mode filters Automotive signal line
ACT1210L-201 TDK-ACT1210L-201 Datasheet
197Kb / 4P
Common mode filters Automotive signal line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com