Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2SI-ST Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # A2SI-ST
Description  Release Notes IC Revision C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

A2SI-ST Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  A2SI-ST Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG A2SI-ST Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG A2SI-ST Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG A2SI-ST Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Release Notes, A²SI Revision C, August 28, 2002
ZMD AG
2/4
A²SI
Release Notes, IC Revision C
The replacement of A²SI Revision B with Revision C neither has any impact to required external
components nor requires a change of the external circuitry. The CAP-Pin of an IC of Revision C
shall be connected to a series of one capacitor and one resistor, in the same manner like on Re-
vision B. Suggested values are C=4.7nF, R=430…680 Ohms. See the Data Sheet and the Appli-
cation Notes for more detailed information.
Package Marking
Top Marking:
A²SI
Product name
ZMD
Manufacturer
C-
Revision code marking of A²SI Revision C
XXXX
Date code (year and week)
Y
Assembly location
ZZ
Traceability
Bottom Marking:
LLLLLL
ZMD Lot Number
The yellow dot indicating pre-programmed Master function is printed at the pin 1 marking
⊕.
Note:
IC Revision A did not have a revision code marking. ICs without a Revision Code are equivalent to
Revision A. Revision B shows “B-“ .
PIN 1
TOP VIEW
BOTTOM
VIEW
PIN 1
LLLLLL
A2SI ZMD
C-XXXXYZZ
+
Figure 1: Package Marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com