Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2SI-ST Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # A2SI-ST
Description  Release Notes IC Revision C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

A2SI-ST Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  A2SI-ST Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG A2SI-ST Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG A2SI-ST Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG A2SI-ST Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Release Notes, A²SI Revision C, August 28, 2002
ZMD AG
3/4
A²SI
Release Notes, IC Revision C
Ordering Information
Ordering
Code
Description
Operating Tempera-
ture Range
Package Type
Device
Marking
Shipping Form
A2SI-ST
Standard version
of A²SI
-25°C to 85°C
28-pin SSOP
A²SI
Tubes
(47 parts/tube)
A2SI-SR
Standard version
of A²SI
-25°C to 85°C
28-pin SSOP
A²SI
Tape-and-Reel
(1500 parts/reel)
A2SI-MT
Pre-programmed
master function
-25°C to 85°C
28-pin SSOP
A²SI
+ yellow dot
Tubes
(47 parts/tube)
A2SI-MR
Pre-programmed
master function
-25°C to 85°C
28-pin SSOP
A²SI
+ yellow dot
Tape-and-Reel
(1500 parts/reel)
Sales Contacts
Sales Office Dresden
Zentrum Mikroelektronik Dresden AG
Grenzstraße 28
D-01109 Dresden
Germany
Phone +49-351-8822-310
Fax +49-351-8822-337
sales@zmd.de
Engineering Support
Design Office Dresden
Zentrum Mikroelektronik Dresden AG
Bertolt-Brecht-Allee 22
D-01309 Dresden
Germany
Phone +49-351-31530-86
Fax +49-351-31530-11
asi@zmd.de
Sales Office Long Island
ZMD America Inc.
201 Old Country Road
Melville, NY 11747
USA
Phone +1-631-549-2666
Fax +1-631-549-2882
info@zmda.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com