Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2114 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2114 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2114 Datasheet HTML 1Page - Diodes Incorporated AP2114 Datasheet HTML 2Page - Diodes Incorporated AP2114 Datasheet HTML 3Page - Diodes Incorporated AP2114 Datasheet HTML 4Page - Diodes Incorporated AP2114 Datasheet HTML 5Page - Diodes Incorporated AP2114 Datasheet HTML 6Page - Diodes Incorporated AP2114 Datasheet HTML 7Page - Diodes Incorporated AP2114 Datasheet HTML 8Page - Diodes Incorporated AP2114 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
H/HA Package
S Package
(SOT-223)
(TO-263-3)
H
HA
D/DA Package
D
DA
(TO-252-2 (1))
(TO-252-2 (3))
(TO-252-2 (1))
(TO-252-2 (3))
(TO-252-2 (4))
(TO-252-2 (4))
M Package
MP Package
(SOIC-8)
(PSOP-8)
For Fixed Versions
For Adjustable Version
For Fixed Versions
For Adjustable Version
Figure 2. Pin Configuration of AP2114 (Top View)
1
2
3
GND
VIN
VOUT
VOUT
1
2
3
GND
VIN
VOUT
GND
1
2
3
4
8
7
6
5
GND
VOUT
GND
VIN
EN
GND
GND
GND
1
2
3
4
8
7
6
5
GND
VOUT
GND
VIN
EN
GND
GND
GND
1
2
3
4
8
7
6
5
VIN
EN
VOUT
GND
ADJ
GND
GND
GND
VIN
EN
VOUT
GND
ADJ
GND
GND
GND
1
2
3
4
8
7
6
5
1
2
3
VIN
VOUT
GND
VOUT
1
2
3
VIN
VOUT
GND
GND
1
2
3
VIN
VOUT
GND
GND
1
2
3
VIN
VOUT
GND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com