Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2114 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2114 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2114 Datasheet HTML 1Page - Diodes Incorporated AP2114 Datasheet HTML 2Page - Diodes Incorporated AP2114 Datasheet HTML 3Page - Diodes Incorporated AP2114 Datasheet HTML 4Page - Diodes Incorporated AP2114 Datasheet HTML 5Page - Diodes Incorporated AP2114 Datasheet HTML 6Page - Diodes Incorporated AP2114 Datasheet HTML 7Page - Diodes Incorporated AP2114 Datasheet HTML 8Page - Diodes Incorporated AP2114 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
3
Pin Descriptions
Pin Number
Pin
Name
Function
SOT-223 (H),
TO-263-3,
TO-252-2 (1) (D)
TO-252-2 (3) (D)
TO-252-2 (4) (D)
SOT-223 (HA),
TO-252-2 (1) (DA)
TO-252-2 (3) (DA)
TO-252-2 (4) (DA)
SOIC-8,
PSOP-8
(Fixed)
SOIC-8,
PSOP-8
(ADJ)
1
2
1, 3, 5, 6, 7
2, 3, 5, 7
GND
Ground
2
3
2
8
VOUT
Regulated Output
3
1
4
1
VIN
Input Voltage Pin
8
4
EN
Chip
Enable,
H–Normal
Work, L– Shutdown Output
6
ADJ
Adjust Output
Functional Block Diagram
For Fixed Versions
Shutdown
Logic
Thermal
Shutdown
Foldback
Current Limit
VREF
GND
EN
VIN
3M
Ω
VOUT
A(B)
A : SOT- 223
, TO- 263-3 , TO- 252- 2 (1)/(3
B : SOIC-8 , PSOP-8
(8)
1 (1 , 3, 5, 6, 7)
2 (2)
3 (4)
{2}
{3}
{1}
{C}
(H)
C: SOT- 223
,
(HA) TO- 252- 2(1)/(3
(DA)
4)(D)
)/(
)/(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com