Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2121 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2121
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2121 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2121 Datasheet HTML 1Page - Diodes Incorporated AP2121 Datasheet HTML 2Page - Diodes Incorporated AP2121 Datasheet HTML 3Page - Diodes Incorporated AP2121 Datasheet HTML 4Page - Diodes Incorporated AP2121 Datasheet HTML 5Page - Diodes Incorporated AP2121 Datasheet HTML 6Page - Diodes Incorporated AP2121 Datasheet HTML 7Page - Diodes Incorporated AP2121 Datasheet HTML 8Page - Diodes Incorporated AP2121 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
4
Dec. 2012 Rev. 2. 6
BCD Semiconductor Manufacturing Limited
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121
Package
Temperature
Range
Condition
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free
Green
SOT-23-3
-40 to 85oC
AP2121N-1.2TRE1
AP2121N-1.2TRG1
EF9
GF9
Tape & Reel
AP2121N-1.3TRE1
AP2121N-1.3TRG1
EG9
GG9
Tape & Reel
AP2121N-1.5TRE1
AP2121N-1.5TRG1
EF1
GF1
Tape & Reel
AP2121N-1.8TRE1
AP2121N-1.8TRG1
EF3
GF3
Tape & Reel
AP2121N-2.5TRE1
AP2121N-2.5TRG1
EF4
GF4
Tape & Reel
AP2121N-2.8TRE1
AP2121N-2.8TRG1
EF5
GF5
Tape & Reel
AP2121N-3.0TRE1
AP2121N-3.0TRG1
EF6
GF6
Tape & Reel
AP2121N-3.2TRE1
AP2121N-3.2TRG1
EF7
GF7
Tape & Reel
AP2121N-3.3TRE1
AP2121N-3.3TRG1
EF8
GF8
Tape & Reel
SOT-23-5
-40 to 85oC
Active High (Pull-down resistor built-in) AP2121AK-1.2TRE1
AP2121AK-1.2TRG1 E1T
G1T
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-1.3TRE1
AP2121AK-1.3TRG1 E1R
G1R
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-1.5TRE1
AP2121AK-1.5TRG1 E1Z
G1Z
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-1.8TRE1
AP2121AK-1.8TRG1 E1U
G1U
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-2.5TRE1
AP2121AK-2.5TRG1 E1V
G1V
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-2.8TRE1
AP2121AK-2.8TRG1 E1W
G1W
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-3.0TRE1
AP2121AK-3.0TRG1 E1X
G1X
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-3.2TRE1
AP2121AK-3.2TRG1 E3Z
G3Z
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-3.3TRE1
AP2121AK-3.3TRG1 E1Y
G1Y
Tape & Reel
Circuit Type
Package
E1: Lead Free
AP2121
-
TR: Tape and Reel
Ordering Information
1.5: Fixed Output 1.5V
2.5: Fixed Output 2.5V
N: SOT-23-3
2.85: Fixed Output 2.85V
K: SOT-23-5
A: Active High
(Pull-down resistor built-in)
Blank: No Enable Function
1.8: Fixed Output 1.8V
2.8: Fixed Output 2.8V
3.0: Fixed Output 3.0V
3.2: Fixed Output 3.2V
1.3: Fixed Output 1.3V
1.2: Fixed Output 1.2V
G1: Green
J4: CSP-4(P 0.5)
J4A: CSP-4 (P 0.4)
3.3: Fixed Output 3.3V
J4C: CSP-4(P 0.5)
J4B: CSP-4 (P 0.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com