Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2121 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP2121
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2121 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP2121 Datasheet HTML 17Page - Diodes Incorporated AP2121 Datasheet HTML 18Page - Diodes Incorporated AP2121 Datasheet HTML 19Page - Diodes Incorporated AP2121 Datasheet HTML 20Page - Diodes Incorporated AP2121 Datasheet HTML 21Page - Diodes Incorporated AP2121 Datasheet HTML 22Page - Diodes Incorporated AP2121 Datasheet HTML 23Page - Diodes Incorporated AP2121 Datasheet HTML 24Page - Diodes Incorporated AP2121 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
Dec. 2012 Rev. 2. 6
BCD Semiconductor Manufacturing Limited
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121
Data Sheet
Typical Performance Characteristics (Continued)
Figure 17. Supply Current vs. Junction Temperature
0123
456
7
0
10
20
30
40
50
60
Input Voltage (V)
AP2121-3.0
I
OUT=0mA
Figure 16. Supply Current vs. Input Voltage
-25
0
25
50
75
100
125
0
5
10
15
20
25
30
35
40
Junction Temperature (
oC)
AP2121-3.0
V
IN=4V
I
OUT=0mA
Figure 18. Supply Current vs. Junction Temperature
-25
0
25
50
75
100
125
0
5
10
15
20
25
30
35
40
Junction Temperature (
oC)
AP2121-1.2
V
IN=2.2V
I
OUT=0mA
Figure 19. Line Transient
(Conditions: IOUT=30mA, CIN=1μF, COUT=1μF)
Time (100
μs/Div)
AP2121-1.2
0
2.2
3.2
0.05
-0.05
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com