Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-3528W10-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3528W10-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3528W10-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-3528W10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 12
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
*
2Forward Voltage
Vf
2.8
-
3.4
V
*
3Luminous Intensity
Iv
-
3250
-
mcd
Luminous Flux
ΦV
6
-
-
lm
x
-
0.33
-
*
4Chromaticity
Coordinates
y
-
0.33
-
-
Color Temperature
CCT
2850
-
3710
K
Color Rendering Index
CRI
80
-
-
Viewing Angle
2
θ1/2
IF =20mA
-
120
-
deg
● Typical Electro-Optical Characteristics Curves.
F ig.1 R E LA T IV E IN T E N S IT Y V S . W A V E LE N G T H
0.0
38 0
0.2
0.6
W AVE L EN G T H
(nm )
430
48 0
53 0
580
630
680
73 0
800
0.1
0.5
0.8
[IF = 2 0 m A T a = 25
]
⊥
0.3
0.4
0.7
F o rw ard current (m A )
0
10
1.0
0.5
20
30
40
vs. fo rw ard cu rrent
F ig.5 R e la tive lu m inous in te nsity
2.0
1.5
50
-2 5
0
0.5
1.0
1.5
2.0
2.5
100
50
25
0
75
A m b ient tem perature T a( C )
3.0
a m b ient te m perature
F ig.4 R e la tive lu m ino us intensity vs.
0.7
0.8
80
0.4
0.5
0.3
0.2
0.1
0.6
90
70
60
0.9
1.0
50
40
30
F ig.6 R adia tio n diagram
10
02 0
5
1
0
3
10
20
30
40
7
59
0
A m bient tem perature Ta ( C )
40
20
60
100
80
F ig.2 F orw ard cu rrent derating curv e
20
10
30
40
50
v s . a m b ie n t tem p erature
2
4
6
Fig.3 F o rw a rd c u rre nt v s. fo rw ard vo lta g e
F o rw ard voltage(V )
0.9
1.0
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com