Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-3528W10-R80 Datasheet(PDF) 5 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3528W10-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3528W10-R80 Datasheet(HTML) 5 Page - American Bright OPTOELECTRONICS CORP.

  BL-3528W10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3528W10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 6 of 12
SI N CE 198 1
Color Temperature Bin Limits (At 20mA)
Col o r Bin Li mi ts (a t 2 0 mA )
BIN
CCT(K)
Chromaticity Coordinates
x
0.4138
0.3996
0.4056
0.4210
0.4138
L-1
y
0.4095
0.4015
0.4215
0.4292
0.4095
x
0.4073
0.3947
0.3996
0.4138
0.4073
L-2
y
0.3917
0.3867
0.4015
0.4095
0.3917
x
0.4015
0.3889
0.3947
0.4073
0.4015
L-3
3465-3710K
y
0.3759
0.3690
0.3867
0.3917
0.3759
x
0.4299
0.4138
0.4210
0.4382
0.4299
M-1
y
0.4165
0.4095
0.4292
0.4365
0.4165
x
0.4227
0.4073
0.4138
0.4299
0.4227
M-2
y
0.3999
0.3917
0.4095
0.4165
0.3999
x
0.4147
0.4015
0.4073
0.4227
0.4147
M-3
3500K
(3220-3710K)
3220-3465K
y
0.3814
0.3759
0.3917
0.3999
0.3814



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com