Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG542. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHG542.
Description  High Efficiency LED, Ø 5 mm Tinted Diffused Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG542. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHG542. Datasheet HTML 1Page - Vishay Siliconix TLHG542. Datasheet HTML 2Page - Vishay Siliconix TLHG542. Datasheet HTML 3Page - Vishay Siliconix TLHG542. Datasheet HTML 4Page - Vishay Siliconix TLHG542. Datasheet HTML 5Page - Vishay Siliconix TLHG542. Datasheet HTML 6Page - Vishay Siliconix TLHG542. Datasheet HTML 7Page - Vishay Siliconix TLHG542. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLHG542., TLHG642.
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 30-Nov-2022
1
Document Number: 86335
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED, Ø 5 mm Tinted Diffused Package
DESCRIPTION
The tinted diffused 5 mm green LED series was developed
for standard applications like general indicating and lighting
purposes. It is using AlInGaP chip technology and includes
the standard versions TLHG542. with stand-off and
TLHG642... without stand-off. The wide viewing angle of
these devices provides a high on-off contrast.
All LEDs are categorized in luminous intensity groups.
That allows users to assemble LEDs with uniform
appearance.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 5 mm
• Product series: standard
• Angle of half intensity: ± 25°
FEATURES
• Standard T-1¾ package
• Wide viewing angle
• Luminous intensity and wavelength categorized
• TLHG542... with stand-offs, TLHG642... without
stand-offs
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
19223
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TLHG5420
Green
6.3
20
-
10
562
570
575
10
-
2.1
2.4
20
AlInGaP on GaAs
TLHG5420-ASZ
Green
6.3
20
-
10
562
570
575
10
-
2.1
2.4
20
AlInGaP on GaAs
TLHG5420-KSZ
Green
6.3
20
-
10
562
570
575
10
-
2.1
2.4
20
AlInGaP on GaAs
TLHG6420
Green
6.3
20
-
10
562
570
575
10
-
2.1
2.4
20
AlInGaP on GaAs
TLHG6420-ASZ
Green
6.3
20
-
10
562
570
575
10
-
2.1
2.4
20
AlInGaP on GaAs
TLHG6420-CSZ
Green
6.3
20
-
10
562
570
575
10
-
2.1
2.4
20
AlInGaP on GaAs


Similar Part No. - TLHG542.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG540 VISHAY-TLHG540 Datasheet
205Kb / 9P
Choice of three bright colors
16-Mar-15
TLHG540 VISHAY-TLHG540 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG540. VISHAY-TLHG540. Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG5400 VISHAY-TLHG5400 Datasheet
250Kb / 8P
High Efficiency LED in 5 mm Tinted Diffused Package
31-Aug-04
TLHG5400 VISHAY-TLHG5400 Datasheet
205Kb / 9P
Choice of three bright colors
16-Mar-15
More results

Similar Description - TLHG542.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
03-Jun-09
TLHA44R1S2 VISHAY-TLHA44R1S2 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHR5200 VISHAY-TLHR5200 Datasheet
112Kb / 5P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
06-May-2022
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com