Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLLG440. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLLG440.
Description  Low Current LED in Ø 3 mm Tinted Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLG440. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLLG440. Datasheet HTML 1Page - Vishay Siliconix TLLG440. Datasheet HTML 2Page - Vishay Siliconix TLLG440. Datasheet HTML 3Page - Vishay Siliconix TLLG440. Datasheet HTML 4Page - Vishay Siliconix TLLG440. Datasheet HTML 5Page - Vishay Siliconix TLLG440. Datasheet HTML 6Page - Vishay Siliconix TLLG440. Datasheet HTML 7Page - Vishay Siliconix TLLG440. Datasheet HTML 8Page - Vishay Siliconix TLLG440. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLLG440., TLLR440., TLLY440.
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 15-Sep-2021
1
Document Number: 83029
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Current LED in Ø 3 mm Tinted Diffused Package
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 3 mm
• Product series: low current
• Angle of half intensity: ± 25°
FEATURES
• Low power consumption
• High brightness
• CMOS / MOS compatible
• Specified at IF = 2 mA
• Luminous intensity categorized
• Yellow and green color categorized
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Low power DC circuits
Note
(1) Not for new designs
19220
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX
.
MIN.
TYP.
MAX.
TLLR4400
Red
0.63
1.2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4400-AS12Z
Red
0.63
1.2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401-AS12
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401-AS12Z
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLY4400
Yellow
0.63
1.2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4400-MS12 (1)
Yellow
0.63
1.2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4401
Yellow
1
2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4401-AS12 (1)
Yellow
1
2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4401-AS12Z
Yellow
1
2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4401-MS12 (1)
Yellow
1
2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLG4400
Green
0.63
1.2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4400-AS12
Green
0.63
1.2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401-AS12
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401-MS12
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401-MS21
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP


Similar Part No. - TLLG440.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG440 VISHAY-TLLG440 Datasheet
94Kb / 7P
Low Current LED in 짰3 mm Tinted Diffused Package
04-Feb-99
TLLG440 VISHAY-TLLG440 Datasheet
198Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLLG4400 VISHAY-TLLG4400 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
TLLG4400-AS12 VISHAY-TLLG4400-AS12 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
More results

Similar Description - TLLG440.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
Low Current LED in Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR4400 VISHAY-TLDR4400_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHE4600 VISHAY-TLHE4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
Low Current LED in Ø 5 mm Tinted Diffused Package
10-May-2022
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
Universal LED in Ø 3 mm Tinted Diffused Package
16-Mar-15
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com