Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDB1232.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLDB1232..
Description  Dome Lens SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDB1232.. Datasheet(HTML) 4 Page - Vishay Siliconix

  VLDB1232.. Datasheet HTML 1Page - Vishay Siliconix VLDB1232.. Datasheet HTML 2Page - Vishay Siliconix VLDB1232.. Datasheet HTML 3Page - Vishay Siliconix VLDB1232.. Datasheet HTML 4Page - Vishay Siliconix VLDB1232.. Datasheet HTML 5Page - Vishay Siliconix VLDB1232.. Datasheet HTML 6Page - Vishay Siliconix VLDB1232.. Datasheet HTML 7Page - Vishay Siliconix VLDB1232.. Datasheet HTML 8Page - Vishay Siliconix VLDB1232.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VLDB1232.., VLDTG1232..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 12-Feb-2019
4
Document Number: 80003
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Relative Radiant Intensity vs. Forward Current
Fig. 7 - Change of Dominant Wavelength vs. Forward Current
Fig. 8 - Change of Peak Wavelength vs. Forward Current
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400420440460480500520540560580600
Axis Title
λ - Wavelengths (nm)
2nd line
true green
blue
10
100
1000
10000
Axis Title
1
10
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
F - Forward Voltage (V)
2nd line
true green
blue
10
100
1000
10000
0.01
0.1
1
10
110
100
Axis Title
I
F - Forward Current (mA)
2nd line
true green
blue
10
100
1000
10000
0.01
0.1
1
10
110
100
Axis Title
I
F - Forward Current (mA)
2nd line
true green
blue
10
100
1000
10000
-8
-6
-4
-2
0
2
4
6
8
020
40
60
80
100
Axis Title
I
F - Forward Current (mA)
2nd line
true green
blue
blue
10
100
1000
10000
-8
-6
-4
-2
0
2
4
6
8
0
20406080
100
Axis Title
I
F - Forward Current (mA)
2nd line
true green



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com