Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDB1232.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLDB1232..
Description  Dome Lens SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDB1232.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLDB1232.. Datasheet HTML 1Page - Vishay Siliconix VLDB1232.. Datasheet HTML 2Page - Vishay Siliconix VLDB1232.. Datasheet HTML 3Page - Vishay Siliconix VLDB1232.. Datasheet HTML 4Page - Vishay Siliconix VLDB1232.. Datasheet HTML 5Page - Vishay Siliconix VLDB1232.. Datasheet HTML 6Page - Vishay Siliconix VLDB1232.. Datasheet HTML 7Page - Vishay Siliconix VLDB1232.. Datasheet HTML 8Page - Vishay Siliconix VLDB1232.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VLDB1232.., VLDTG1232..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 12-Feb-2019
1
Document Number: 80003
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dome Lens SMD LED
DESCRIPTION
The dome lens SMD LED series has been designed in a
small untinted and clear molded package with lens for
surface mounting as gullwing or reverse gullwing version.
The VLD.1232... series is using recent ultrabright InGaN /
sapphire chip technology with high luminous flux.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Product series: power
• Package: SMD dome lens
• Angle of half intensity: ± 9°
FEATURES
• Utilizing latest advanced InGaN technology
• Package type: surface-mount
• Package form: gullwing, reverse gullwing
• Dimensions (L x W x H in mm): 2.3 x 2.3 x 2.8
• High luminous flux and luminous intensity
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin.
≤ 1.6
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• Suitable for reflow soldering according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Traffic signals and signs
• Interior and exterior lighting
•Smoke detectors
• Bio sensing
• Indicator and backlighting purposes for audio, video,
LCDs switches, symbols, illuminated advertising etc.
SAFETY ADVICES
Depending on the mode of operation, these devices emit
highly concentrated blue light which can be hazardous to
the human eye. Products which incorporate these devices
have to follow the safety precautions given in IEC 62471
“Photobiological Safety of Lamps and Lamp Systems”.
VLD.1232R...
VLD.1232G...
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at
IF
(mA)
WAVELENGTH
(nm)
at
IF
(mA)
FORWARD
VOLTAGE
(V)
at
IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLDB1232G-08
Blue
1800
3500
-
20
458
465
472
20
2.6
3.0
3.4
20
InGaN on sapphire
VLDB1232R-08
Blue
1800
3500
-
20
458
465
472
20
2.6
3.0
3.4
20
InGaN on sapphire
VLDTG1232G-08
True green
7100
16 000
-
20
515
525
541
20
2.6
2.9
3.4
20
InGaN on sapphire
VLDTG1232R-08
True green
7100
16 000
-
20
515
525
541
20
2.6
2.9
3.4
20
InGaN on sapphire


Similar Part No. - VLDB1232..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLDB1232 VISHAY-VLDB1232 Datasheet
236Kb / 10P
Dome Lens SMD LED
12-Feb-2019
logo
HK TO-GRACE TECHNOLOGY ...
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
Dome Lens SMD LED
VLDB1232R-08 TO-GRACE-VLDB1232R-08 Datasheet
745Kb / 10P
Dome Lens SMD LED
More results

Similar Description - VLDB1232..

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLH0025-WCR08 P-TEC-PLH0025-WCR08 Datasheet
1Mb / 13P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
Dome Lens SMD LED
27-Feb-15
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDX1535 VISHAY-VLDX1535 Datasheet
322Kb / 11P
Dome Lens SMD LED
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
Dome Lens SMD LED
VLDS1235G TO-GRACE-VLDS1235G Datasheet
1Mb / 13P
Dome Lens SMD LED
VLDS1535G-08 TO-GRACE-VLDS1535G-08 Datasheet
905Kb / 11P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDTG1232 VISHAY-VLDTG1232 Datasheet
236Kb / 10P
Dome Lens SMD LED
12-Feb-2019
VLDY1235 VISHAY-VLDY1235_V02 Datasheet
317Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDY1535 VISHAY-VLDY1535_V02 Datasheet
315Kb / 11P
Dome Lens SMD LED
07-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com