Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDTG1232.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLDTG1232..
Description  Dome Lens SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDTG1232.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLDTG1232.. Datasheet HTML 1Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 2Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 3Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 4Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 5Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 6Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 7Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 8Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VLDB1232.., VLDTG1232..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 12-Feb-2019
2
Document Number: 80003
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for a short term application only
Note
(1) Tolerances: ± 15 % for IV, ± 0.1 V for VF, ± 1 nm for
λd
Note
(1) Tolerances: ± 15 % for IV, ± 0.1 V for VF, ± 1 nm for
λd
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLDB1232..., VLDTG1232...
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
Short term application only
VR
5V
DC Forward current
Tamb
≤ 60 °C
IF
30
mA
Power dissipation
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction-to-ambient
Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLDB1232G.., VLDB1232R.., BLUE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 20 mA
IV
1800
3500
-
mcd
Luminous flux/luminous intensity
φV/IV
-
0.35
-
mlm/mcd
Dominant wavelength (1)
IF = 20 mA
λd
458
465
472
nm
Radiant intensity
IF = 20 mA
Ie
-62-
mW/sr
Peak wavelength
IF = 20 mA
λp
-
460
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 20 mA
Δλ
-18-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 9
-
°
Forward voltage (1)
IF = 20 mA
VF
2.6
3.0
3.4
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLDTG1232G.., VLDTG1232R.., TRUE GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 20 mA
IV
7100
16 000
-
mcd
Luminous flux/luminous intensity
φV/IV
-
0.35
-
mlm/mcd
Dominant wavelength (1)
IF = 20 mA
λd
515
525
541
nm
Radiant intensity
IF = 20 mA
Ie
-37-
mW/sr
Peak wavelength
IF = 20 mA
λp
-
519
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 20 mA
Δλ
-28-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 9
-
°
Forward voltage (1)
IF = 20 mA
VF
2.6
2.9
3.4
V
Reverse current
VR = 5 V
IR
-0.01
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com