Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDTG1232.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLDTG1232..
Description  Dome Lens SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDTG1232.. Datasheet(HTML) 3 Page - Vishay Siliconix

  VLDTG1232.. Datasheet HTML 1Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 2Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 3Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 4Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 5Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 6Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 7Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 8Page - Vishay Siliconix VLDTG1232.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VLDB1232.., VLDTG1232..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 12-Feb-2019
3
Document Number: 80003
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm
Note
• Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 15 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one reel.
In order to ensure availability, single wavelength groups will not be orderable
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Maximum Permissible Forward Current vs.
Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
BLUE
TRUE GREEN
MIN.
MAX.
MIN.
MAX.
2
458
464
-
-
3
462
468
515
523
4
466
472
521
529
5
-
-
527
535
6
-
-
533
541
LUMINOUS INTENSITY CLASSIFICATION - BLUE
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
BA
1800
2240
BB
2240
2800
CA
2800
3550
CB
3550
4500
DA
4500
5600
DB
5600
7100
LUMINOUS INTENSITY CLASSIFICATION - TRUE GREEN
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
EA
7100
9000
EB
9000
11 200
FA
11 200
14 000
FB
14 000
18 000
GA
18 000
22 400
GB
22 400
28 000
10
100
1000
10000
0
10
20
30
40
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
2nd line
Axis Title
1st line
2nd line
0°
20°
10°
1.0
0.8
0.9
30°
80°
70°
60°
50°
40°
0.6
0.4
0.2
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com