Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLM.33.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLM.33..
Description  Power SMD LED PLCC-2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLM.33.. Datasheet(HTML) 5 Page - Vishay Siliconix

  VLM.33.. Datasheet HTML 1Page - Vishay Siliconix VLM.33.. Datasheet HTML 2Page - Vishay Siliconix VLM.33.. Datasheet HTML 3Page - Vishay Siliconix VLM.33.. Datasheet HTML 4Page - Vishay Siliconix VLM.33.. Datasheet HTML 5Page - Vishay Siliconix VLM.33.. Datasheet HTML 6Page - Vishay Siliconix VLM.33.. Datasheet HTML 7Page - Vishay Siliconix VLM.33.. Datasheet HTML 8Page - Vishay Siliconix VLM.33.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VLM.33..
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 19-Sep-2022
5
Document Number: 81336
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Change of Dominant Wavelength vs.
Ambient Temperature
Fig. 10 - Change of Forward Voltage vs. Ambient Temperature
Fig. 11 - Relative Intensity vs. Wavelength
Fig. 12 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 13 - Change of Dominant Wavelength vs.
Ambient Temperature
Fig. 14 - Change of Forward Voltage vs. Ambient Temperature
- 5
- 4
- 3
- 2
- 1
0
1
2
3
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
20203
super red
T
amb - Ambient Temperature (°C)
17039
30 mA
10 mA
50 mA
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
super red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
570 580 590 600 610 620 630 640 650 660 670
λ - Wavelength (nm)
20196
amber
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
20197
amber
- 6
- 4
- 2
0
2
4
6
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
20199
amber
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
20200
10 mA
30 mA
50 mA
amber



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com