Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLM.33.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLM.33..
Description  Power SMD LED PLCC-2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLM.33.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLM.33.. Datasheet HTML 1Page - Vishay Siliconix VLM.33.. Datasheet HTML 2Page - Vishay Siliconix VLM.33.. Datasheet HTML 3Page - Vishay Siliconix VLM.33.. Datasheet HTML 4Page - Vishay Siliconix VLM.33.. Datasheet HTML 5Page - Vishay Siliconix VLM.33.. Datasheet HTML 6Page - Vishay Siliconix VLM.33.. Datasheet HTML 7Page - Vishay Siliconix VLM.33.. Datasheet HTML 8Page - Vishay Siliconix VLM.33.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VLM.33..
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 19-Sep-2022
2
Document Number: 81336
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS33.., SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 30 mA
VLMS33S1T2
lV
180
290
450
mcd
VLMS33S1U1
lV
180
290
560
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 30 mA
λd
626
630
638
nm
Peak wavelength
IF = 30 mA
λp
-
641
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 30 mA
Δλ
-17-
nm
Angle of half intensity
IF = 30 mA
ϕ
-± 60
-
°
Forward voltage
IF = 30 mA
VF
1.7
2.0
2.5
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMR33.., AMBER
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 30 mA
VLMR33T1U2
lV
280
450
710
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 30 mA
λd
611
617
622
nm
Peak wavelength
IF = 30 mA
λp
-
624
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 30 mA
Δλ
-18-
nm
Angle of half intensity
IF = 30 mA
ϕ
-± 60
-
°
Forward voltage
IF = 30 mA
VF
1.7
2.0
2.5
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY33T1U2, YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 30 mA
VLMY33T1U2
lV
280
425
710
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 30 mA
VLMY33T1U2
λd
583
588
594
nm
Peak wavelength
IF = 30 mA
λp
-
590
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 30 mA
Δλ
-18-
nm
Angle of half intensity
IF = 30 mA
ϕ
-± 60
-
°
Forward voltage
IF = 30 mA
VF
1.7
2.0
2.5
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
AMBER
YELLOW
MIN.
MAX.
MIN.
MAX.
1
611
618
581
584
2
614
622
583
586
3
-
-
585
588
4
-
-
587
590
5
-
-
589
592
6
-
-
591
594



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com