Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMD31.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMD31..
Description  Standard SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMD31.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMD31.. Datasheet HTML 1Page - Vishay Siliconix VLMD31.. Datasheet HTML 2Page - Vishay Siliconix VLMD31.. Datasheet HTML 3Page - Vishay Siliconix VLMD31.. Datasheet HTML 4Page - Vishay Siliconix VLMD31.. Datasheet HTML 5Page - Vishay Siliconix VLMD31.. Datasheet HTML 6Page - Vishay Siliconix VLMD31.. Datasheet HTML 7Page - Vishay Siliconix VLMD31.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLMD31..
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 12-Sep-2022
1
Document Number: 81351
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard SMD LED PLCC-2
DESCRIPTION
This device has been designed for applications requiring
narrow brightness and color selection.
The package of this device is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
948553
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN. TYP. MAX.
VLMD3100-GS08
Red
11.2
22
-
10
-
648
-
10
-
1.8
2.2
20
GaAlAs on GaAs
VLMD3100-GS18
Red
11.2
22
-
10
-
648
-
10
-
1.8
2.2
20
GaAlAs on GaAs
VLMD3105-GS08
Red
11.2
22
28
10
-
648
-
10
-
1.8
2.2
20
GaAlAs on GaAs
VLMD31L2N1-GS08
Red
14
22
35.5
10
-
648
-
10
-
1.8
2.2
20
GaAlAs on GaAs
VLMD31M2P1-GS08
Red
22.4
25
56
10
-
648
-
10
-
1.8
2.2
20
GaAlAs on GaAs


Similar Part No. - VLMD31..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMD31 VISHAY-VLMD31 Datasheet
205Kb / 7P
Standard SMD LED PLCC-2
08-Mar-17
VLMD31 VISHAY-VLMD31 Datasheet
212Kb / 8P
Standard SMD LED PLCC-2
24-Sep-2021
VLMD3100-GS08 VISHAY-VLMD3100-GS08 Datasheet
175Kb / 8P
Standard SMD LED PLCC-2
09-May-08
VLMD3100-GS08 VISHAY-VLMD3100-GS08 Datasheet
205Kb / 7P
Standard SMD LED PLCC-2
08-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMD3100-GS08 TO-GRACE-VLMD3100-GS08 Datasheet
685Kb / 7P
Standard SMD LED PLCC-2
More results

Similar Description - VLMD31..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com