Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMD31.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMD31..
Description  Standard SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMD31.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMD31.. Datasheet HTML 1Page - Vishay Siliconix VLMD31.. Datasheet HTML 2Page - Vishay Siliconix VLMD31.. Datasheet HTML 3Page - Vishay Siliconix VLMD31.. Datasheet HTML 4Page - Vishay Siliconix VLMD31.. Datasheet HTML 5Page - Vishay Siliconix VLMD31.. Datasheet HTML 6Page - Vishay Siliconix VLMD31.. Datasheet HTML 7Page - Vishay Siliconix VLMD31.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLMD31..
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 12-Sep-2022
2
Document Number: 81351
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving LED in reverse direction is suitable for short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups will not
be orderable
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMD31..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
Tamb
≤ 60 °C
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.5
A
Power dissipation
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction to ambient Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMD31.., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
VLMD3100
IV
11.2
22
-
mcd
VLMD3105
IV
11.2
22
28
mcd
VLMD31L2N1
IV
14
22
35.5
mcd
VLMD31M2P1
IV
22.4
25
56
mcd
Dominant wavelength
IF = 10 mA
λd
-
648
-
nm
Peak wavelength
IF = 10 mA
λp
-
650
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
-7
-
pF
Temperature coefficient of VF
IF = 20 mA
TCVF
-- 1.8
-
mV/K
Temperature coefficient of
λd
IF = 10 mA
TC
λd
-0.05-
nm/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
J
1
4.5
5.6
2
5.6
7.1
K
1
7.1
9
2
9
11.2
L
1
11.2
14
2
14
18
M
1
18
22.4
2
22.4
28
N
1
28
35.5
2
35.5
45
P
1
45
56
CROSSING TABLE
VISHAY
OSRAM
VLMD31L2N1
LHT674-L2N1
VLMD31M2P1
LHT674-M2P1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com