Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88190P Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 17Page - ASIX Electronics Corporation AX88190P Datasheet HTML 18Page - ASIX Electronics Corporation AX88190P Datasheet HTML 19Page - ASIX Electronics Corporation AX88190P Datasheet HTML 20Page - ASIX Electronics Corporation AX88190P Datasheet HTML 21Page - ASIX Electronics Corporation AX88190P Datasheet HTML 22Page - ASIX Electronics Corporation AX88190P Datasheet HTML 23Page - ASIX Electronics Corporation AX88190P Datasheet HTML 24Page - ASIX Electronics Corporation AX88190P Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
21
4.3.3 Interrupt mask register (IMR) Offset 0FH (Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6
RDCE
DMA Complete Interrupt Enable. Default “low” disabled.
5
CNTE
Counter Overflow Interrupt Enable. Default “low” disabled.
4
OVWE Overwrite Interrupt Enable. Default “low” disabled.
3
TXEE
Transmit Error Interrupt Enable. Default “low” disabled.
2
RXEE
Receive Error Interrupt Enable. Default “low” disabled.
1
PTXE
Packet Transmitted Interrupt Enable. Default “low” disabled.
0
PRXE
Packet Received Interrupt Enable. Default “low” disabled.
4.3.4 Data Configuration Register (DCR) Offset 0EH (Write)
FIELD
NAME
DESCRIPTION
7
RDCR
Remote DMA always completed
6:2
-
Reserved
1
BOS
Byte Order Select
0: MS byte placed on AD15:AD8 and LS byte on AD7-AD0 (80X86).
1: MS byte placed on AD7::AD0 and LS byte on AD15:AD0(68K)
0
WTS
Word Transfer Select
0 : Selects byte-wide DMA transfers.
1 : Selects word-wide DMA transfers.
4.3.5 Transmit Configuration Register (TCR) Offset 0DH (Write)
FIELD
NAME
DESCRIPTION
7
FDU
Full Duplex :
This bit indicates the current media mode is Full Duplex or not.
0 : Half duplex
1 : Full duplex
6
PD
Pad Disable
0 : Pad will be added when packet length less than 60.
1 : Pad will not be added when packet length less than 60.
5
RLO
Retry of late collision
0 : Don’t retransmit packet when late collision happens.
1 : Retransmit packet when late collision happens.
4:3
-
Reserved
2:1
LB1,LB0 Encoded Loop-back Control
These encoded configuration bits set the type of loop-back that is to be performed.
LB1 LB0
Mode 0
0
0
Normal operation
Mode 1
0
1
Internal NIC loop-back
Mode 2
1
0
PHYcevisor loop-back
0
CRC
Inhibit CRC
0 : CRC appended by transmitter.
1 : CRC inhibited by transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com