Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88190P Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 5Page - ASIX Electronics Corporation AX88190P Datasheet HTML 6Page - ASIX Electronics Corporation AX88190P Datasheet HTML 7Page - ASIX Electronics Corporation AX88190P Datasheet HTML 8Page - ASIX Electronics Corporation AX88190P Datasheet HTML 9Page - ASIX Electronics Corporation AX88190P Datasheet HTML 10Page - ASIX Electronics Corporation AX88190P Datasheet HTML 11Page - ASIX Electronics Corporation AX88190P Datasheet HTML 12Page - ASIX Electronics Corporation AX88190P Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
9
2.4 Modem interface pins group
Signal Name
Type
Pin No.
Description
MRDY
I/PU
118
Modem Ready : MRDY low indicates that modem is initializing the
modem after reset signal asserted or the modem is at SLEEP/STOP
mode.
MRESET#
O
117
Modem Reset :This signal asserts low to reset the modem chipset.
MDCS#
O
111
Modem Chip Select : This signal connected to modem chip select pin.
MPWDN
O
116
Modem Power Down : Rockwell modem chipset, this signal asserts
low to let modem chipset into power down mode. AT&T modem
chipset, this signal asserts high to let modem chipset into power down
mode.
MINT
I/PD
112
Modem Interrupt : This signal driven by modem chipset to active
interrupt.
MRIN#
I/PU
115
Ring Input :This signal is driven by DAA’s ring detect circuit. When
a telephone ringing signal is being received.
MAUDIO
I/PD
113
Modem Audio : This signal is passed to PCMCIA interface via SPKR.
Tab - 4 Modem interface signals group
2.5 SRAM Interface pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
MEMA[15:1]
O
43, 45 – 48,
50 –53’
55 – 58,
60 – 61
SRAM Address :
MEMD[15:0]
I/O/PU
62 – 63,
65 – 68,
70 – 74,
76 – 80
SRAM Data :
MEMRD#
O
42
SRAM Read
MEMWR#
O
41
SRAM Write
Tab - 5 SRAM Interface pins group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com