Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88790L Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 9Page - ASIX Electronics Corporation AX88790L Datasheet HTML 10Page - ASIX Electronics Corporation AX88790L Datasheet HTML 11Page - ASIX Electronics Corporation AX88790L Datasheet HTML 12Page - ASIX Electronics Corporation AX88790L Datasheet HTML 13Page - ASIX Electronics Corporation AX88790L Datasheet HTML 14Page - ASIX Electronics Corporation AX88790L Datasheet HTML 15Page - ASIX Electronics Corporation AX88790L Datasheet HTML 16Page - ASIX Electronics Corporation AX88790L Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
ASIX ELECTRONICS CORPORATION
13
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
3.0 Memory and I/O Mapping
There are four memories or I/O mapping used in AX88790.
1.
EEPROM Memory Mapping
2.
Attribute Memory Mapping
3.
I/O Mapping
4.
Local Memory Mapping
3.1 EEPROM Memory Mapping
EEPROM OFFSET
HIGH BYTE
LOW BYTE
00H
RESERVED
WORD COUNT
01H
CFH
CFL
02H
NODE-ID1
NODE ID 0
03H
NODE ID 3
NODE ID 2
04H
NODE ID 5
NODE ID 4
05H
CHECKSUM
RESERVED
06H – 10H
RESERVED
RESERVED
10H – FFH
CIS
CIS
Tab – 10 EEPROM Memory Mapping
Note: bit 3 register of LCOR in AX88190 is replaced by bit 0 of CFL in AX88790
Bit 0 of CFL: Enable Power Down mode
This bit is set to 1; the LAN will go into power down mode. At power down mode AX88790 will disable MAC
transmitting and receiving operation. But the host interface will not be affected.
3.2 Attribute Memory Mapping
ATTRIBUTE MEMORY
OFFSET
CONTENTS
0000H
03BFH
CIS
03C0H
LCOR
03C2H
LCCSR
03C4H
-
03C6H
-
03CAH
LIOBASE0
03CCH
LIOBASE1
03CEH
03DFH
RESERVED
03E0H
MCOR
03E2H
MCCSR
03E4H
-
03E6H
-
03EAH
MIOBASE0
03ECH
MIOBASE1
03EEH
03FFH
RESERVED
Tab – 11 Attribute Memory Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com