Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88790L Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 35Page - ASIX Electronics Corporation AX88790L Datasheet HTML 36Page - ASIX Electronics Corporation AX88790L Datasheet HTML 37Page - ASIX Electronics Corporation AX88790L Datasheet HTML 38Page - ASIX Electronics Corporation AX88790L Datasheet HTML 39Page - ASIX Electronics Corporation AX88790L Datasheet HTML 40Page - ASIX Electronics Corporation AX88790L Datasheet HTML 41Page - ASIX Electronics Corporation AX88790L Datasheet HTML 42Page - ASIX Electronics Corporation AX88790L Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
ASIX ELECTRONICS CORPORATION
39
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
5.2 MII Station Management functions.
Basic Operation
The primary function of station management is to transfer control and status information about the PHY to a
management entity. This function is accomplished by the MDC clock input from MAC entity, which has a
maximum frequency of 12.5 MHz (for internal PHY only, as to external PHY please refer to the relevant
specification), along with the MDIO signal.
The Internal PHY address is fixed to 10h and the equivalent circuit is shown as below:
A specific set of registers and their contents (described in Tab-19) defines the nature of the information
transferred across the MDIO interface. Frames transmitted on the MII management interface will have the
frame structure shown in Tab-18. The order of bit transmission is from left to right. Note that reading and
writing the management register must be completed without interruption.
Read/Write
(R/W)
Pre
ST
OP
PHYAD
REGAD
TA
DATA
IDLE
R
1. . .1
01
10
AAAAA
RRRRR
Z0
DDDDDDDDDDDDDDDD
Z
W
1. . .1
01
01
AAAAA
RRRRR
10
DDDDDDDDDDDDDDDD
Z
Tab - 19 MII Management Frame Format
Field
Descriptions
Pre
Preamble. The PHY will accept frames with no preamble. This is indicated by a 1 in register 1, bit 6.
ST
Start of Frame. The start of frame is indicated by a 01 pattern.
OP
Operation Code. The operation code for a read transaction is 10. The operation code for a write
transaction is a 01.
PHYADD
PHY Address. The PHY address is 5 bits, allowing for 32 unique addresses. The first PHY address
bit transmitted and received is the MSB of the address. A station management entity that is
attached to multiple PHY entities must have prior knowledge of the appropriate PHY address for
each entity.
REGAD
Register Address. The register address is 5 bits, allowing for 32 unique registers within each PHY. The
first register address bit transmitted and received is the MSB of the address.
TA
Turnaround. The turnaround time is a 2-bit time spacing between the register address field, and
the data field of a frame, to avoid drive contention on MDIO during a read transaction. During a
write to the PHY, these bits are driven to 10 by the station. During a read, the MDIO is not
driven during the first bit time and is driven to a 0 by the PHY during the second bit time.
DATA
Data. The data field is 16 bits. The first bit transmitted and received will be bit 15 of the register
being addressed.
IDLE
Idle Condition. The IDLE condition on MDIO is a high-impedance state. All three state drivers will be
disabled and the PHY’s pull-up resistor will pull the MDIO line to logic 1.
Tab - 20 MII Management Frames- field Description
0
Y (MUX)
1
S
(Internal PHY)
MDC
MDIO-OUT
MDIO-IN
If (PHY_ID==10h) then S=1 else S=0
Pin67
MDC
Pin66
MDIO
From Register
Offset 14h
MDC
MDO
MDI
MDIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com