Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16260 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT16260
Description  12-bit to 24-bit multiplexed D-type latches 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16260 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT16260 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16260
2.5V/3.3V 12-bit to 24-bit multiplexed D-type latches
(3-State)
1998 Jan 30
10
AC WAVEFORMS
VM = 1.5V for all waveforms
The outputs are measured one at a time with one transition per measurement.
tw
VM
VM
3V
0V
INPUT
SA00437
Figure 1. Pulse duration
VM
VM
3V
0V
INPUT
tPLH
VM
VM
VOH
VOL
tPHL
VOH
VOL
VM
VM
tPHL
tPLH
OUTPUT
OUTPUT
SA00438
All input pulses are supplied by generators having the following
characteristics: PRR
≤ 10MHz, ZO = 50Ω, tr ≤ 2.5ns, tf ≤ 2.5ns.
Figure 2. Propagation delay times;
inverting and non-inverting outputs
VM
VM
3V
0V
DATA INPUT
0V
3V
TIMING INPUT
VM
tsu
th
SA00439
Figure 3. Setup and hold times
VM
VM
3V
0V
OUTPUT
CONTROL
tPZL
VM
VOL + 0.3V
3.5V
VOL
tPLZ
VOH
≈0V
VOH – 0.3V
tPZH
tPHZ
OUTPUT
WAVEFORM 1
S1 AT 7V
VM
OUTPUT
WAVEFORM 2
S1 AT OPEN
SA00440
Waveform 1 is for an output with internal conditions such that the
output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the
output is high except when disabled by the output control.
Figure 4. Enable and disable times;
low- and high-level enabling
TEST LOAD CIRCUIT
CL = 50pF
(INCLUDES PROBE AND
JIG CAPACITANCE)
500
Ω
500
Ω
FROM OUTPUT UNDER TEST
S1
7V
OPEN
GND
Load Circuit for Outputs
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
7V
tPHZ/tPZH
Open
SA00441
Figure 5. Test load circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com