Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16260 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16260
Description  12-bit to 24-bit multiplexed D-type latches 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16260 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16260 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16260
2.5V/3.3V 12-bit to 24-bit multiplexed D-type latches
(3-State)
2
1998 Jan 30
853-2046-18918
FEATURES
• ESD protection exceeds 2000V per Mil-Std-883C, Method 3015;
exceeds 200V using machine model
• Latch-up protection exceeds 500mA per JEDEC Standard
JESD-17.
• Distributed V
CC and GND pin configuration minimizes high-speed
switching noise.
• Output capability (–32mA I
OH, 64mA IOL).
• Bus hold inputs eliminate the need for external pull-up resistors.
• 5V I/O compatible
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up Reset
DESCRIPTION
The 74ALVT16260 is a 12-bit to 24-bit multiplexed D-type latch used
in applications where two separate data paths must be multiplexed
onto, or demultiplexed from, a single data path. Typical applications
include multiplexing and/or demultiplexing of address and data
information in microprocessor or bus-interface applications. This
device is alto useful in memory-interleaving applications.
Three 12-bit I/O ports (A1–A12, 1B1–1B12, and 2B1–2B12) are
available for address and/or data transfer. The output enable (OE1B,
OE2B, and OEA) inputs control the bus transceiver functions. The
OE1B and OE2B control signals also allow bank control in the A to
B direction.
Address and/or data information can be stored using the internal
storage latches. The latch enable (LE1B, LE2B, LEA1B, and
LEA2B) inputs are used to control data storage. When the latch
enable input is high, the latch is transparent. When the latch enable
input goes low, the data present at the inputs is latched and remains
latched until the latch enable input is returned high.
To ensure the high-impedance state during power-up or
power-down, OE should be tied to VCC through a pull-up resistor;
the minimum value of the resistor is determined by the current
sinking capability of the driver.
The 74ALVT16260 is available in a 56-pin Shrink Small Outline
Package (SSOP) and 56-pin Thin Shrink Small Outline Package
(TSSOP).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C; GND = 0V
2.5V
3.3V
UNIT
tPLH
Propagation delay
C =50 pF
3.5
2.8
ns
tPHL
nAx to nBx
nBx to nAx
CL = 50 pF
3.3
2.6
ns
CIN
Input capacitance
VI = 0 V or VCC
4
4
pF
COUT
Output capacitance
VI/O = 0 V or 5.0 V
9
9
pF
ICCZ
Total supply current
Outputs disabled
100
80
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT16260 DL
AV16260 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16260 DGG
AV16260 DGG
SOT364-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com