Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162821 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT162821
Description  2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162821 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT162821 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 9Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 10Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 11Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162821
2.5V/3.3V 20-bit bus-interface D-type flip-flop;
positive-edge trigger with 30
W termination resistors (3-State)
1998 Oct 02
10
SSOP56:
plastic shrink small outline package; 56 leads; body width 7.5 mm
SOT371-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com