Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162821 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT162821
Description  2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162821 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT162821 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162821 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162821
2.5V/3.3V 20-bit bus-interface D-type flip-flop;
positive-edge trigger with 30
W termination resistors (3-State)
2
1998 Oct 02
853-2041 20127
FEATURES
• Outputs include series resistance of 30W making external
termination resistors unnecessary
• 20-bit positive-edge triggered register
• 5V I/O Compatible
• Multiple V
CC and GND pins minimize switching noise
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• Output capability +12mA/-12mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
• Bus hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
DESCRIPTION
The 74ALVT162821 high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive. It is designed for VCC operation at 2.5V or 3.3V with I/O
compatibility to 5V.
The 74ALVT162821 has two 10-bit, edge triggered registers, with
each register coupled to a 3-State output buffer. The two sections of
each register are controlled independently by the clock (nCP) and
Output Enable (nOE) control gates.
Each register is fully edge triggered. The state of each D input, one
set-up time before the Low-to-High clock transition, is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors.
The active Low Output Enable (nOE) controls all ten 3-State buffers
independent of the register operation. When nOE is Low, the data in
the register appears at the outputs. When nOE is High, the outputs
are in high impedance “off” state, which means they will neither drive
nor load the bus.
The 74ALVT162821 is designed with 30
W series resistance in both
High and Low output stages. This design reduces the line noise in
applications such as memory address drivers, clock drivers and bus
receivers/transmitters. The series termination resistors reduce
overshoot and undershoot and are ideal for driving memory arrays.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nCP to nQ
CL = 50pF
4.4
3.8
3.2
3.2
ns
CIN
Input capacitance
VI = 0V or VCC
3
3
pF
COUT
Output capacitance
VO = 0 or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT162821 DL
AV162821 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT162821 DGG
AV162821 DGG
SOT364-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com