Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23K640 Datasheet(PDF) 26 Page - Microchip Technology

Part # 23K640
Description  64-Kbit SPI Bus Low-Power Serial SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K640 Datasheet(HTML) 26 Page - Microchip Technology

Back Button 23K640 Datasheet HTML 20Page - Microchip Technology 23K640 Datasheet HTML 21Page - Microchip Technology 23K640 Datasheet HTML 22Page - Microchip Technology 23K640 Datasheet HTML 23Page - Microchip Technology 23K640 Datasheet HTML 24Page - Microchip Technology 23K640 Datasheet HTML 25Page - Microchip Technology 23K640 Datasheet HTML 26Page - Microchip Technology 23K640 Datasheet HTML 27Page - Microchip Technology 23K640 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
23A640/23K640
DS20002126F-page 26
 2008-2022 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
23A640 =
23K640 =
64 Kbit, 1.8V, SPI Serial SRAM
64 Kbit, 3.6V, SPI Serial SRAM
Tape and Reel
Option:
Blank =
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
E=
-40
C to+85C (AEC-Q100 Grade 3)
-40°C to +125°C (AEC-Q100 Grade 1)
Package:
SN
=
ST
=
Plastic SOIC (3.90 mm body), 8-lead
TSSOP, 8-lead
Variant(2,3):
VAO
=
VXX
=
Standard Automotive
Customer Specific Automotive
Examples:
a)
23K640-E/SNVAO: 64-Kbit, 3.6V Serial SRAM,
Automotive Grade 1 125°C, SOIC package
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
2:
The VAO/VXX automotive variants have
been designed, manufactured, tested
and
qualified
in
accordance
with
AEC-Q100 requirements for automotive
applications.
3:
For customers requesting a PPAP, a cus-
tomer-specific part number will be gener-
ated and provided. A PPAP is not
provided for VAO part numbers.
PART NO.
X
/XX
Package
Tape and Reel
Device
Option
-X
Temperature
Range
XXX
Variant
(1)
(2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com