Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23K640 Datasheet(PDF) 1 Page - Microchip Technology

Part # 23K640
Description  64-Kbit SPI Bus Low-Power Serial SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K640 Datasheet(HTML) 1 Page - Microchip Technology

  23K640 Datasheet HTML 1Page - Microchip Technology 23K640 Datasheet HTML 2Page - Microchip Technology 23K640 Datasheet HTML 3Page - Microchip Technology 23K640 Datasheet HTML 4Page - Microchip Technology 23K640 Datasheet HTML 5Page - Microchip Technology 23K640 Datasheet HTML 6Page - Microchip Technology 23K640 Datasheet HTML 7Page - Microchip Technology 23K640 Datasheet HTML 8Page - Microchip Technology 23K640 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2008-2022 Microchip Technology Inc. and its subsidiaries
DS20002126F-page 1
23A640/23K640
Device Selection Table
Features
• Max. Clock 20 MHz
• Low-Power CMOS Technology:
- Read current: 3 mA at 1 MHz
- Standby Current: 4
A Max. at +85°C
• 8192 x 8-bit Organization
• 32-Byte Page
•HOLD pin
• Flexible Operating modes:
- Byte read and write
- Page mode (32 Byte Page)
- Sequential mode
• Sequential Read/Write
• High Reliability
• Temperature Ranges Supported:
• Automotive AEC-Q100 Qualified
• RoHS Compliant, Halogen Free
Packages
• 8-Lead PDIP
• 8-Lead SOIC
• 8-Lead TSSOP
Pin Function Table
Description
The Microchip Technology Inc. 23X640 are 64-Kbit
Serial SRAM devices. The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
23K640
2.7V-3.6V
32 Byte
I, E
P, SN, ST
23A640
1.5V-1.95V
32 Byte
I
P, SN, ST
- Industrial (I):
- Extended (E):
-40
C
-40
C
to
to
+85
C
+125
C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
NC
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC/TSSOP
(P, SN, ST)
64-Kbit SPI Bus Low-Power Serial SRAM


Similar Part No. - 23K640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23K640 MICROCHIP-23K640 Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23K640 MICROCHIP-23K640 Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
23K640-E/P MICROCHIP-23K640-E/P Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23K640-E/P MICROCHIP-23K640-E/P Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
23K640-E/P MICROCHIP-23K640-E/P Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
More results

Similar Description - 23K640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320 STMICROELECTRONICS-M95320 Datasheet
353Kb / 44P
32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
07-Jul-2006
logo
Microchip Technology
23A256 MICROCHIP-23A256 Datasheet
368Kb / 26P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640 Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23A256 MICROCHIP-23A256_10 Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640_10 Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
logo
STMicroelectronics
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
64-Kbit serial SPI bus EEPROM - 105C operation
28-Jan-2015
logo
Microchip Technology
23A640 MICROCHIP-23A640_11 Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
23A256 MICROCHIP-23A256_11 Datasheet
609Kb / 28P
256K SPI Bus Low-Power Serial SRAM
08/02/11
23A256 MICROCHIP-23A256_V01 Datasheet
412Kb / 27P
256-Kbit SPI Bus Low-Power Serial SRAM
Revision G (04/2022)
logo
STMicroelectronics
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
64-Kbit serial SPI bus EEPROM with high-speed clock
11-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com