Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256 Datasheet(PDF) 40 Page - Microchip Technology

Part # 24LC256
Description  256K I2C Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256 Datasheet(HTML) 40 Page - Microchip Technology

Back Button 24LC256 Datasheet HTML 34Page - Microchip Technology 24LC256 Datasheet HTML 35Page - Microchip Technology 24LC256 Datasheet HTML 36Page - Microchip Technology 24LC256 Datasheet HTML 37Page - Microchip Technology 24LC256 Datasheet HTML 38Page - Microchip Technology 24LC256 Datasheet HTML 39Page - Microchip Technology 24LC256 Datasheet HTML 40Page - Microchip Technology 24LC256 Datasheet HTML 41Page - Microchip Technology 24LC256 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
 1998-2019 Microchip Technology Inc.
DS20001203W-page 40
24AA256/24LC256/24FC256
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Device:
24AA256:
1.7V, 256-Kbit I2C Serial EEPROM
24LC256:
2.5V, 256-Kbit I2C Serial EEPROM
24FC256:
1.7V, High Speed, 256-Kbit I2C Serial
EEPROM
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I=
-40
C to +85C (Industrial)
E=
-40
C to +125C (Extended)
Package:
MF
= Plastic Dual Flat, No Lead Package –
5x6x0.85 mm Body, 8-lead (DFN-S)
MS
= Plastic Micro Small Outline Package, 8-lead
(MSOP)
P
= Plastic Dual In-Line – 300 mil Body, 8-lead
(PDIP)
SN
= Plastic Small Outline - Narrow, 3.90 mm
Body, 8-lead (SOIC)
SM
= Plastic Small Outline - Medium, 5.28 mm
Body, 8-lead (SOIJ)
MNY
= Plastic Dual Flat, No Lead Package -
2x3x0.8 mm Body, 8-lead (TDFN)
ST
= Plastic Thin Shrink Small Outline – 4.4 mm,
8-lead (TSSOP)
CS16K(2) = Chip Scale, 8-lead (CSP)
Examples:
a) 24AA256-I/P:
Industrial Temp., 1.7V,
PDIP package.
b) 24AA256T-I/SN: Tape and Reel, Industrial
Temp.,
1.7V,
SOIC
package.
c) 24AA256-I/ST:
Industrial
Temp.,
1.7V,
TSSOP package.
d) 24AA256-I/MS:
Industrial
Temp.,
1.7V,
MSOP package.
e) 24LC256-E/P:
Extended
Temp.,
2.5V,
PDIP package.
f) 24LC256-I/SN:
Industrial
Temp.,
2.5V,
SOIC package.
g) 24LC256T-I/SN: Tape and Reel, Industrial
Temp.,
2.5V,
SOIC
package.
h) 24LC256-I/MS:
Industrial
Temp.,
2.5V,
MSOP package.
i) 24FC256-I/P:
Industrial Temp., 1.7V, High
Speed, PDIP package.
j) 24FC256-I/SN:
Industrial Temp., 1.7V, High
Speed, SOIC package.
k) 24FC256T-I/SN: Tape and Reel, Industrial
Temp., 1.7V, High Speed,
SOIC package.
l) 24AA256T-CS16K: Tape and Reel, Industrial
Temp., 1.7V, Chip Scale
package.
m)24AA256T-E/SN: Tape and Reel, Extended
Temp., 1.7V, SOIC pack-
age.
PART NO.
-X
/XX
Package
Temperature
Range
Device
[X]
Tape and Reel
Option
(1)
Note 1: Tape and Reel identifier only appears
in the catalog part number descrip-
tion. This identifier is used for order-
ing purposes and is not printed on the
device package. Check with your
Microchip Sales Office for package
availability with the Tape and Reel
option.
2: 16K indicates 160K technology.
3: Contact Microchip for Automotive
grade ordering part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com