Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256 Datasheet(PDF) 16 Page - Microchip Technology

Part # 24LC256
Description  256K I2C Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256 Datasheet(HTML) 16 Page - Microchip Technology

Back Button 24LC256 Datasheet HTML 12Page - Microchip Technology 24LC256 Datasheet HTML 13Page - Microchip Technology 24LC256 Datasheet HTML 14Page - Microchip Technology 24LC256 Datasheet HTML 15Page - Microchip Technology 24LC256 Datasheet HTML 16Page - Microchip Technology 24LC256 Datasheet HTML 17Page - Microchip Technology 24LC256 Datasheet HTML 18Page - Microchip Technology 24LC256 Datasheet HTML 19Page - Microchip Technology 24LC256 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
24AA256/24LC256/24FC256
DS20001203W-page 16
 1998-2019 Microchip Technology Inc.
Package Marking Information (Continued)
8-Lead TSSOP
Example
XXXX
XYWW
NNN
4LD
I926
13F
8-Lead Chip Scale
XXX
XYYW
Example
249
613F
WNNN
A192
8-Lead TDFN
Example
XXX
YWW
EF4
1926
13
NN
Part
No.
1st Line Marking Codes
DFN
MSOP
PDIP
SOIC
SOIJ
TDFN
TSSOP
CSP
I-Temp.
E-Temp.
24AA256
24AA256 4A256T(1) 24AA256 24AA256T(1) 24AA256
EF6
EF5
4AD
249
24LC256
24LC256 4L256T(1) 24LC256 24LC256T(1) 24LC256
EF4
EF3
4LD
—
24FC256
24FC256 4F256T(1) 24FC256 24FC256T(1) 24FC256
EF8
—
4FD
—
Note 1: T = Temperature grade (I, E)
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
JEDEC® designator for Matte Tin (Sn)
* Standard OTP marking consists of Microchip part number, year code, week code and
traceability code.
Note:
For very small packages with no room for the JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com