Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC608A Datasheet(PDF) 44 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 44 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 40Page - Microchip Technology ATECC608A Datasheet HTML 41Page - Microchip Technology ATECC608A Datasheet HTML 42Page - Microchip Technology ATECC608A Datasheet HTML 43Page - Microchip Technology ATECC608A Datasheet HTML 44Page - Microchip Technology ATECC608A Datasheet HTML 45Page - Microchip Technology ATECC608A Datasheet HTML 46Page - Microchip Technology ATECC608A Datasheet HTML 47Page - Microchip Technology ATECC608A Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
Table 5-50. Command Parameters
Opcode
(1 Byte)
Mode
(1 Byte)
Key ID
(2 Bytes)
Data Field (128 Bytes)
Comment
Signature
(64 Bytes)
Public Key
(64 Bytes)
0x45
0x02
0x00 04
R value
S value
X value
Y value
Message stored in TempKey
0x22
0x00 04
R value
S value
X value
Y value
Message stored in Message Digest Buffer
0xA2
0x00 04
R value
S value
X value
Y value
• Message stored in TempKey
• System Nonce stored in MDB[31:0]
• Validation MAC is returned
0x82
0x00 04
R value
S value
X value
Y value
• Message stored in Message Digest Buffer
• System Nonce stored in MDB[63:32]
• Validation MAC is returned
Table 5-51. Output Response - Verify External
Name
Mode
Size
Response
Response 0x02 or 0x22
1 byte
• 0x00 - If signature is verified
• 0x01 - If signature does not match
• Error code - If there is a failure due to some other reason
0x82 or 0xA2
1 byte or 32 bytes
• Validation MAC - If signature is verified
• 0x01 - If signature does not match
• Error code - If there is a failure due to some other reason
Table 5-52. Validation MAC - Verify External
Size
(Bytes)
Message in TempKey
Message in Message Digest Buffer
32
Contents of the IO protection key
Contents of the IO protection key
32
Message stored in TempKey
Message stored in the first 32 bytes of the Message
Digest Buffer
32
System Nonce stored in the first 32 bytes of the
Message Digest Buffer
System Nonce stored in the second 32 bytes of the
Message Digest Buffer
32
R Data of the passed signature
R Data of the passed signature
32
S Data of the passed signature
S Data of the passed signature
1
Opcode
Opcode
1
Mode
Mode
2
Param2 [LSB,MSB]
Param2 [LSB,MSB]
5.2.4.2
Verify - Stored Public Key Mode
When using the Verify command in Stored mode, the public key to be used is stored in a data slot and does not
need to be passed. Prior to this command being run, the message should be written to TempKey or the Message
Digest Buffer using the Nonce command.
ATECC608A-TNGLoRaWAN
Device Commands
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com