Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC608A Datasheet(PDF) 62 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 62 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 58Page - Microchip Technology ATECC608A Datasheet HTML 59Page - Microchip Technology ATECC608A Datasheet HTML 60Page - Microchip Technology ATECC608A Datasheet HTML 61Page - Microchip Technology ATECC608A Datasheet HTML 62Page - Microchip Technology ATECC608A Datasheet HTML 63Page - Microchip Technology ATECC608A Datasheet HTML 64Page - Microchip Technology ATECC608A Datasheet HTML 65Page - Microchip Technology ATECC608A Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
Table 7-2. Word Address Values
Name
Value
Description
Reset
0x00
Reset the address counter. The next I2C read or write transaction will start with the beginning of
the I/O buffer.
Sleep
(Low-power)
0x01
The ATECC608A-TNGLoRaWAN goes into the low-power Sleep mode and ignores all
subsequent I/O transitions until the next Wake flag. The entire volatile state of the device is reset.
Idle
0x02
The ATECC608A-TNGLoRaWAN goes into the Idle mode and ignores all subsequent I/O
transitions until the next Wake flag. The contents of TempKey, MessageDigestBuffer, and
Alternate Key registers are retained.
Command
0x03
Write subsequent bytes to sequential addresses in the input command buffer that follow previous
writes. This is the normal operation.
Reserved
0x04 – 0xFF
These addresses should not be sent to the device.
7.2.2
I2C Synchronization
It is possible for the system to lose synchronization with the I/O port on the ATECC608A-TNGLoRaWAN, perhaps
due to a system Reset, I/O noise, or other conditions. Under this circumstance, the ATECC608A-TNGLoRaWAN may
not respond as expected, may be asleep, or may be transmitting data during an interval when the system is
expecting to send data. To resynchronize, the following procedure can be followed:
1.
To ensure an I/O channel Reset, the system must send the standard I2C software Reset sequence, as follows:
• A Start bit condition
• Nine cycles of SCL, with SDA held high by the system pull-up resistor
• Another Start bit condition
• A Stop bit condition
It should then be possible to send a read sequence, and if synchronization completes properly, the
ATECC608A-TNGLoRaWAN will ACK the device address. The device may return data or may leave the bus
floating (which the system will interpret as a data value of 0xFF) during the data periods.
If the device does ACK the device address, the system should reset the internal address counter to force the
ATECC608A-TNGLoRaWAN to ignore any partial input command that may have been sent. This can be
accomplished by sending a write sequence to word address 0x00 (Reset), followed by a Stop condition.
2.
If the device does not respond to the device address with an ACK, then it may be asleep. In this case, the
system must send a complete Wake token and wait tWHI after the rising edge. The system may then send
another read sequence, and if synchronization is complete, the device will ACK the device address.
3.
If the device still does not respond to the device address with an ACK, then it may be busy executing a
command. The system must wait the longest tEXEC (max) and then send the read sequence, which will be
acknowledged by the device.
7.3
Sleep Sequence
Upon completion of the use of the ATECC608A-TNGLoRaWAN by the system, the system should issue a sleep
sequence to put the device into Low-Power mode. This sequence consists of the proper device address followed by
the value of 0x01 as the word address followed by a Stop condition. This transition to the Low-Power state causes a
complete reset of the device’s internal command engine and input/output buffer. It can be sent to the device at any
time when it is awake and not busy.
7.4
Idle Sequence
If the total sequence of required commands exceeds tWATCHDOG, then the device will automatically go to sleep and
lose any information stored in the volatile registers. This action can be prevented by putting the device into Idle mode
prior to completion of the watchdog interval. When the device receives the Wake token, it will then restart the
Watchdog Timer and execution can be continued.
ATECC608A-TNGLoRaWAN
I2C Interface
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com