Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465RT-E/SFX Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 32Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 33Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 34Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 35Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 36Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 37Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 38Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 39Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
MCP3465R
DS20006414C-page 36
 2020-2021 Microchip Technology Inc.
The possible selections are described in Table 5-1 and
can be set with the MUX[7:0] register bits during the
MUX mode. The MUX[7:4] bits define the selection for
the VIN+ pin (noninverting analog input of the ADC).
The MUX[3:0] bits define the selection for the VIN- pin
(inverting analog input of the ADC).
During Scan mode, the two single-ended input multi-
plexers are automatically set to a certain position,
depending on the Scan sequence and which channel
has been selected by the user. The Scan sequence
channels’ configuration corresponds to a certain code
in the MUX[7:0] register, as defined in Table 5-15.
In order to monitor the Digital Power Supply (DVDD), it
is necessary to connect DVDD externally to one of the
CHn analog inputs, since DVDD is not one of the pos-
sible selections of the analog multiplexer. A similar
setup can be implemented to monitor DGND if DGND is
not connected externally to AGND.
The TEMP Diodes P and M are two internal diodes that
are biased by a current source, and that can be used to
perform a temperature measurement. If TEMP Diode P
is connected to VIN+ and TEMP Diode M to VIN-, then
the ADC output code is a function of the temperature
using Equation 5-1 (see Section 5.1.2, Internal Tem-
perature Sensor for more details). The VCM selection
measures the internal Common-mode voltage source
that biases the Delta-Sigma modulator (this voltage is
not provided at any output of the part).
The possible inputs of the analog multiplexer include,
not only the analog input channels, but also REFIN+/-
inputs, AVDD and AGND, as well as temperature sensor
outputs and the VCM internal Common-mode. This
large selection offers many possibilities for measuring
internal or external data resources of the system and
can serve as diagnostic purposes to increase the
security of the applications. Some monitor channels
are already predefined in Scan mode to further help
users to integrate diagnostics to their applications (for
example, the analog power supply or the temperature
can be constantly monitored in Scan mode; see
Section 5.15.3 “Scan Mode Internal Resource
Channels” for more details of the different resources
that can be monitored in Scan mode).
TABLE 5-1:
ANALOG INPUT MUX DECODING
MUX[7:4] (VIN+) or
MUX[3:0] (VIN-) Code
Selected
Channel
Comment
0000
CH0
0001
CH1
0010
Reserved
Do not use
0011
Reserved
Do not use
0100
Reserved
Do not use
0101
Reserved
Do not use
0110
Reserved
Do not use
0111
Reserved
Do not use
1000
AGND
1001
AVDD
1010
Reserved
Do not use
1011
REFIN+/OUT
1100
REFIN-
1101
TEMP Diode P
1110
TEMP Diode M
1111
Internal VCM
Internal Common-mode voltage for modulator biasing
Note:
When VREF_SEL = 0 (external VREF), and
REFIN+/OUT and REFIN- are selected as
analog inputs for the ADC, the same
REFIN+/OUT and REFIN- pin voltages are
used as the reference for the ADC. This
Diagnostic mode is useful for determining
the full-scale gain error of the ADC when a
gain setting of 1/3x or 1x is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com