Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465RT-E/SFX Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 76Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 77Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 78Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 79Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 80Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 81Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 82Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 83Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
MCP3465R
DS20006414C-page 80
 2020-2021 Microchip Technology Inc.
FIGURE 6-16:
MCP3465R Transition from CLK_SEL[1:0] = 11 to 0x/10.
Don’t Care
External or Internal Clock (no output) Mode Validated
Don’t Care
SDI
SDO
High-Z
High-Z
MCLK
SCK
CS High Aborts SPI
Communication but
Doesn’t Stop Internal
MCLK
STATUS Byte
Free-Running SCK Coming from Internal OSC
Output
SCK PAD
Direction
Input
1
8
Control Byte
1
Cont.
Clocking
1
8
STATUS Byte
8
Max TCLZ
High-Z
High-Z
Write CLK_MODE =
0x (Ext CLK input on pin SCK)
or
Write CLK_MODE =
10 (Int RC without output on pin SCK)
Control Byte
Continuous Write
IF CLK_MODE =
0x => MCLK =
SCK
IF CLK_MODE =
10 => MCLK = Int
RC OSC
Reset MCLK
SPI Mode 1,1
SPI Mode 0,0
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com