Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502T20/Y Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1502T20/Y
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T20/Y Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1502T20/Y Datasheet HTML 6Page - Microchip Technology MCP1502T20/Y Datasheet HTML 7Page - Microchip Technology MCP1502T20/Y Datasheet HTML 8Page - Microchip Technology MCP1502T20/Y Datasheet HTML 9Page - Microchip Technology MCP1502T20/Y Datasheet HTML 10Page - Microchip Technology MCP1502T20/Y Datasheet HTML 11Page - Microchip Technology MCP1502T20/Y Datasheet HTML 12Page - Microchip Technology MCP1502T20/Y Datasheet HTML 13Page - Microchip Technology MCP1502T20/Y Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MCP1502
DS20006593A-page 10
 2021 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise specified, maximum values are: VDD(MIN) VDD  5.5V at TA = +25°C.
FIGURE 3-7:
IDD vs. VDD for All Options.
FIGURE 3-8:
Noise vs. Frequency,
No Load, TA = +25°C.
FIGURE 3-9:
PSRR vs. Frequency,
No Load, TA = +25°C.
FIGURE 3-10:
PSRR vs. Frequency,
1kΩ Load, TA = +25°C.
FIGURE 3-11:
Dropout Voltage vs. Load,
TA = +25°C.
FIGURE 3-12:
MCP1502 Tempco
Distribution, No Load, VDD = 2.7V.
0
50
100
150
200
250
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
V
DD (V)
MCP150 -10
MCP150 -40
MCP150 -33
MCP150 -30
MCP150 -25
MCP150 -20
MCP150 -18
MCP150 -12
10
100
1
10
100
1
10
100
1
10
100
Frequency (Hz)
25 Per. Mov. Avg. (MCP150 -40)
25 Per. Mov. Avg. (MCP150 -10)
0
20
40
60
80
100
120
1
10
100
1000
10000
100000
Frequency (Hz)
V
OUT = 1.024V, VIN = 1.65V
V
OUT = 1.024V, VIN = 5.5V
V
OUT = 4.096V, VIN = 4.3V
V
OUT = 4.096V, VIN = 5.5V
0
20
40
60
80
100
120
1
10
100
1000
10000
100000
Frequency (Hz)
V
OUT = 1.024V, VIN = 1.65V
V
OUT = 1.024V, VIN = 5.5V
V
OUT = 4.096V, VIN = 4.3V
V
OUT = 4.096V, VIN = 5.5V
125 Units
VDD =2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com