Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502T20/Y Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1502T20/Y
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T20/Y Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1502T20/Y Datasheet HTML 12Page - Microchip Technology MCP1502T20/Y Datasheet HTML 13Page - Microchip Technology MCP1502T20/Y Datasheet HTML 14Page - Microchip Technology MCP1502T20/Y Datasheet HTML 15Page - Microchip Technology MCP1502T20/Y Datasheet HTML 16Page - Microchip Technology MCP1502T20/Y Datasheet HTML 17Page - Microchip Technology MCP1502T20/Y Datasheet HTML 18Page - Microchip Technology MCP1502T20/Y Datasheet HTML 19Page - Microchip Technology MCP1502T20/Y Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MCP1502
DS20006593A-page 16
 2021 Microchip Technology Inc. and its subsidiaries
5.0
APPLICATION CIRCUITS
5.1
Application Tips
5.1.1
BASIC APPLICATION CIRCUIT
Figure 5-1 illustrates a basic circuit configuration of the
MCP1502.
FIGURE 5-1:
Basic Circuit Configuration.
An output capacitor is not required for stability of the
voltage reference, but may be optionally added to pro-
vide noise filtering or act as a charge reservoir for
switching loads (e.g., Successive Approximation
Register (SAR) Analog-to-Digital Converter (ADC)). As
shown in Figure 5-5, the input voltage is connected to
the device at the VDD input, with an optional 2.2 μf
ceramic capacitor. This capacitor would be required if
the input voltage has excessive noise. A 2.2 μf capaci-
tor would reject input voltage noise at approximately
1 to 2 MHz. Noise below this frequency will be amply
rejected by the input voltage rejection of the voltage
reference. Noise at frequencies above 2 MHz will be
beyond the bandwidth of the voltage reference, and
consequently, not transmitted from the input pin
through the device to the output.
If the noise at the output of the voltage references is too
high for the particular application, it can be easily filtered
with an external RC filter and op amp buffer (see
Figure 5-2).
FIGURE 5-2:
Output Noise Reducing Filter.
The RC filter values are selected for a desired cutoff
frequency, as shown in Equation 5-1.
EQUATION 5-1:
The values that are shown in Figure 5-5 (1 kΩ
 and
10 μF) will create a first-order, low-pass filter at the out-
put of the amplifier. The cutoff frequency of this filter is
15.9 Hz, and the attenuation slope is 20 dB/decade.
The MCP6286 amplifier isolates the loading of this low-
pass filter from the remainder of the application circuit.
This amplifier also provides additional drive with a
faster response time than the voltage reference.
VDD
SHDN
GND
1
2
3
4
5
6
GND
OUT
GND
0.1-2.2 μF
1.65-5.5V
OUT
MCP1502
0-10 nF(1)
6-Lead SOT-23
1 nF-10 μF(2)
Note 1: With no series resistance.
2: With RS = 100Ω and 1 kΩ to ground.
fC
1
2
 R1 C1

--------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com