Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601T Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP9601T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601T Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP9601T Datasheet HTML 26Page - Microchip Technology MCP9601T Datasheet HTML 27Page - Microchip Technology MCP9601T Datasheet HTML 28Page - Microchip Technology MCP9601T Datasheet HTML 29Page - Microchip Technology MCP9601T Datasheet HTML 30Page - Microchip Technology MCP9601T Datasheet HTML 31Page - Microchip Technology MCP9601T Datasheet HTML 32Page - Microchip Technology MCP9601T Datasheet HTML 33Page - Microchip Technology MCP9601T Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 30
MCP960X/L0X/RL0X
5.1.2
THERMOCOUPLE JUNCTIONS
DELTA TEMPERATURE
REGISTER (TΔ)
This
register
contains
the
error
corrected
Thermocouple Hot-Junction temperature without the
Cold-Junction compensation. The error correction
methodology uses several coefficients to convert the
digitized Thermocouple EMF voltage to degree
Celsius. Each Thermocouple type has a unique set of
coefficients as specified by NIST, and these
coefficients are available in the configuration register
for user selection as shown in Figure 5-3.
EQUATION 5-2:
TEMPERATURE
CONVERSION
The temperature bits are in two’s complement format,
therefore, positive temperature data and negative
temperature data are computed differently, as shown
in Equation 5-2.
FIGURE 5-3:
Thermocouple Hot-Junction
Register (TΔ) Block Diagram.
Temperature
 0°C
TΔ = (UpperByte x 16 + LowerByte / 16)
Temperature
 0°C
TΔ = (UpperByte x 16 + LowerByte / 16) - 4096
VIN+
VIN-
ADC code to
degree Celsius
conversion using
coefficients derived
from NIST look-up
table database
User-Selectable,
Thermocouple Types:
- Type K
- Type J
- Type T
- Type N
- Type S
- Type E
- Type B
- Type R
(see Register 5-6)
Thermocouple
Junctions Delta
Temperature – TΔ
Check if the ADC
code is within range
for the selected
thermocouple type
TΔ
Delta-Sigma
18-Bit
ADC Core
ADC
REGISTER 5-3:
HOT-JUNCTION TEMPERATURE REGISTER -TΔ (READ-ONLY)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
SIGN
1024°C
512°C
256°C
128°C
64°C
32°C
16°C
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
8°C
4°C
2°C
1°C
0.5°C
0.25°C
0.125°C
0.0625°C
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
TΔ: Data in Two’s Complement Format. Bit 15 is the sign bit and it is set when the temperature data is
less than 0°C.
This register contains Thermocouple Hot-Junction temperature data without the cold-junction
compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com