Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP9601T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP9601T Datasheet HTML 9Page - Microchip Technology MCP9601T Datasheet HTML 10Page - Microchip Technology MCP9601T Datasheet HTML 11Page - Microchip Technology MCP9601T Datasheet HTML 12Page - Microchip Technology MCP9601T Datasheet HTML 13Page - Microchip Technology MCP9601T Datasheet HTML 14Page - Microchip Technology MCP9601T Datasheet HTML 15Page - Microchip Technology MCP9601T Datasheet HTML 16Page - Microchip Technology MCP9601T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 13
MCP960X/L0X/RL0X
Note: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD and
TA = -40°C to +125°C.
FIGURE 2-13:
Typical Temperature
Accuracy from NIST ITS-90 Database, Type T.
FIGURE 2-14:
Typical Temperature
Accuracy from NIST ITS-90 Database, Type B.
FIGURE 2-15:
Input Offset Error Voltage
(VIN+, VIN-).
FIGURE 2-16:
Temperature Sensitivity with
18-Bit Resolution, Type T.
FIGURE 2-17:
Temperature Sensitivity with
18-Bit Resolution, Type B.
FIGURE 2-18:
Full-Scale Gain Error.
-0.50
-0.25
0.00
0.25
0.50
-200
300
800
1300
1800
T
A (°C)
Type T
MCP9600
-0.50
-0.25
0.00
0.25
0.50
-200
300
800
1300
1800
T
A (°C)
Type B
MCP9600
Specified Range
-10
-5
0
5
10
-40
-20
0
20406080
100
120
Temperature (°C)
MCP9600
0.000
0.250
0.500
-200
300
800
1300
1800
T
A (°C)
Type T
MCP9600/L00/RL00
0.000
0.250
0.500
-200
300
800
1300
1800
T
A (°C)
Type B
MCP9600/L00/RL00
Specified Range
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-40
-20
0
20406080
100
120
Temperature (°C)
V
DD = 3.3V
MCP9600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com