Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16501 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16501
Description  2.5V/3.3V 18-bit universal bus transceiver 3-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16501 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
74ALVT16501
2.5V/3.3V 18-bit universal bus transceiver (3-State)
2
1998 Feb 13
853-1884 18958
FEATURES
• 18-bit bidirectional bus interface
• 5V I/O Compatible
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL and LVTTL input and output switching levels
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Positive edge triggered clock inputs
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 400V per Machine Model
DESCRIPTION
The 74ALVT16501 is a high-performance BiCMOS product
designed for VCC operation at 2.5V and 3.3V with I/O compatibility
up to 5V.
This device is an 18-bit universal transceiver featuring non-inverting
3-State bus compatible outputs in both send and receive directions.
Data flow in each direction is controlled by output enable (OEAB and
OEBA), latch enable (LEAB and LEBA), and clock (CPAB and
CPBA) inputs. For A-to-B data flow, the device operates in the
transparent mode when LEAB is High. When LEAB is Low, the A
data is latched if CPAB is held at a High or Low logic level. If LEAB
is Low, the A-bus data is stored in the latch/flip-flop on the
Low-to-High transition of CPAB. When OEAB is High, the outputs
are active. When OEAB is Low, the outputs are in the
high-impedance state.
Data flow for B-to-A is similar to that of A-to-B but uses OEBA,
LEBA and CPBA. The output enables are complimentary (OEAB is
active High, and OEBA is active Low).
Active bus-hold circuitry is provided to hold unused or floating data
inputs at a valid logic level.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF
1.9
2.5
1.4
1.8
ns
CIN
Input capacitance (Control pins)
VI = 0V or VCC
4
4
pF
CI/O
I/O pin capacitance
VI/O = 0V or VCC
8
8
pF
ICCZ
Total supply current
Outputs disabled
40
60
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT16501 DL
AV16501 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16501 DGG
AV16501 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
A-to-B Output enable input
27
OEBA
B-to-A Output enable input (active low)
2, 28
LEAB/LEBA
A-to-B/B-to-A Latch enable input
55,30
CPAB/CPBA
A-to-B/B-to-A Clock input (active rising edge)
3, 5, 6, 8, 9, 10, 12, 13, 14, 15,
16, 17, 19, 20, 21, 23, 24, 26
A0-A17
Data inputs/outputs (A side)
54, 52, 51, 49, 48, 47, 45, 44, 43,
42, 41, 40, 38, 37, 36, 34, 33, 31
B0-B17
Data inputs/outputs (B side)
4, 11, 18, 25, 32, 39, 46, 53, 29, 56
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com