Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16501 Datasheet (PDF) - NXP Semiconductors

74ALVT16501 Datasheet PDF - NXP Semiconductors
Part # 74ALVT16501
Download  74ALVT16501 Download
File Size   102.43 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 18-bit universal bus transceiver 3-State

74ALVT16501 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT16501 Datasheet PDF - NXP Semiconductors

Part # 74ALVT16501
Download  74ALVT16501 Click to download

File Size   102.43 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 18-bit universal bus transceiver 3-State

74ALVT16501 Datasheet (HTML) - NXP Semiconductors


74ALVT16501 Product details

DESCRIPTION
The 74ALVT16501 is a high-performance BiCMOS product designed for VCC operation at 2.5V and 3.3V with I/O compatibility up to 5V.

FEATURES
• 18-bit bidirectional bus interface
• 5V I/O Compatible
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL and LVTTL input and output switching levels
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Positive edge triggered clock inputs
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 400V per Machine Model




Similar Part No. - 74ALVT16501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501 Datasheet
123Kb / 20P
18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
logo
Nexperia B.V. All right...
74ALVT16501 NEXPERIA-74ALVT16501 Datasheet
231Kb / 21P
18-bit universal bus transceiver; 3-state
Rev. 04 - 8 August 2005
logo
NXP Semiconductors
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
123Kb / 20P
18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
logo
Nexperia B.V. All right...
74ALVT16501DGG NEXPERIA-74ALVT16501DGG Datasheet
231Kb / 21P
18-bit universal bus transceiver; 3-state
Rev. 04 - 8 August 2005
logo
NXP Semiconductors
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
123Kb / 20P
18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
More results


Similar Description - 74ALVT16501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74LVT16500A PHILIPS-74LVT16500A Datasheet
81Kb / 14P
3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com