Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVT16601 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVT16601
Download  74ALVT16601 Download
File Size   233.92 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit universal bus transceiver; 3-state

74ALVT16601 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT16601 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVT16601
Download  74ALVT16601 Click to download

File Size   233.92 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit universal bus transceiver; 3-state

74ALVT16601 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVT16601 Product details

1. General description
The 74ALVT16601 is a high-performance Bipolar Complementary Metal Oxide
Semiconductor (BiCMOS) product designed for VCC operation at 2.5 V and 3.3 V with I/O
compatibility up to 5 V. This device is an 18-bit universal transceiver featuring
non-inverting 3-state bus compatible outputs in both send and receive directions. Data
flow in each direction is controlled by output enable (OEAB and OEBA), latch enable
(LEAB and LEBA), and clock (CPAB and CPBA) inputs. For A-to-B data flow, the device
operates in the transparent mode when LEAB is HIGH. When LEAB is LOW, the A-bus
data is latched if CPAB is held at a HIGH or LOW level. If LEAB is LOW, the A-bus data is
stored in the latch/flip-flop on the LOW-to-HIGH transition of CPAB. When OEAB is LOW,
the outputs are active. When OEAB is HIGH, the outputs are in the high-impedance state.
The clocks can be controlled with the clock enable inputs (CEAB and CEBA).
Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA.
Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic
level.
2. Features
n 18-bit bidirectional bus interface
n 5 V I/O compatible
n 3-state buffers
n Output capability: +64 mA and -32 mA
n TTL input and output switching levels
n Input and output interface capability to systems at 5 V supply
n Bus hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
n Live insertion and extraction permitted
n Power-up reset
n Power-up 3-state
n No bus current loading when output is tied to 5 V bus
n Positive-edge triggered clock inputs
n Latch-up protection:
u JESD78: exceeds 500 mA
n ESD protection:
u MIL STD 883, method 3015: exceeds 2000 V
u Machine model: exceeds 200 V




Similar Part No. - 74ALVT16601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
125Kb / 20P
18-bit universal bus transceiver; 3-state
Rev. 03-5 July 2005
74ALVT16601DGG PHILIPS-74ALVT16601DGG Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16601DGG PHILIPS-74ALVT16601DGG Datasheet
125Kb / 20P
18-bit universal bus transceiver; 3-state
Rev. 03-5 July 2005
74ALVT16601DL PHILIPS-74ALVT16601DL Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
More results


Similar Description - 74ALVT16601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501A PHILIPS-74ABT16501A Datasheet
88Kb / 13P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
18-bit universal bus transceiver 3-State
1998 Sep 29
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com