Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16601 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVCH16601 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVCH16601
Download  74ALVCH16601 Download
File Size   231.89 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit universal bus transceiver; 3-state

74ALVCH16601 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16601 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVCH16601
Download  74ALVCH16601 Click to download

File Size   231.89 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit universal bus transceiver; 3-state

74ALVCH16601 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVCH16601 Product details

1. General description
The 74ALVCH16601 is an 18-bit universal transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions. Data flow in each direction is controlled by
output enable (OEAB and OEBA), latch enable (LEAB and LEBA), and clock (CPAB and CPBA)
inputs. For A-to-B data flow, the device operates in the transparent mode when LEAB is HIGH.
When LEAB is LOW, the A data is latched if CPAB is held at a HIGH or LOW logic level. If LEAB is
LOW, the A-bus data is stored in the latch/flip-flop on the LOW-to-HIGH transition of CPAB. When
OEAB is LOW, the outputs are active. When OEAB is HIGH, the outputs are in the high-impedance
state. The clocks can be controlled with the clock-enable inputs (CEBA and CEAB).
Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA.
To ensure the high impedance state during power up or power down, OEBA and OEAB should
be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the
current-sinking/current-sourcing capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
2. Features and benefits
• CMOS low power consumption
• MultiByte flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Direct interface with TTL levels
• Bus hold on data inputs
• Output drive capability 50 Ω transmission lines at 85 °C
• Current drive ±24 mA at 3.0 V
• Complies with JEDEC standards:
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
• CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVCH16601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16601DGG PHILIPS-74ALVCH16601DGG Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
logo
Texas Instruments
74ALVCH16601DGGRE4 TI-74ALVCH16601DGGRE4 Datasheet
374Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16601DGGRG4 TI-74ALVCH16601DGGRG4 Datasheet
374Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16601DGVRG4 TI-74ALVCH16601DGVRG4 Datasheet
374Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH16601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501A PHILIPS-74ABT16501A Datasheet
88Kb / 13P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
18-bit universal bus transceiver 3-State
1998 Sep 29
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com