Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16601 Datasheet (PDF) - NXP Semiconductors

74ALVCH16601 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16601
Download  74ALVCH16601 Download
File Size   86.53 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit universal bus transceiver 3-State

74ALVCH16601 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16601 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16601
Download  74ALVCH16601 Click to download

File Size   86.53 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit universal bus transceiver 3-State

74ALVCH16601 Datasheet (HTML) - NXP Semiconductors


74ALVCH16601 Product details

DESCRIPTION
The 74ALVCH16601 is an 18-bit universal bus transceiver.

FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• In accordance with JEDEC standard no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• Univeral bus transceiver with D-type latches and D-type Flip-flops capabale of operating in transparant, latched or clocked mode.
• All inputs have bus hold circuitry
• Output drive capability 50Ω transmission lines @ 85°C
• 3-state ono-inverting outputs for bus oriented applications




Similar Part No. - 74ALVCH16601

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
74ALVCH16601DGG NEXPERIA-74ALVCH16601DGG Datasheet
231Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
Texas Instruments
74ALVCH16601DGGRE4 TI-74ALVCH16601DGGRE4 Datasheet
374Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16601DGGRG4 TI-74ALVCH16601DGGRG4 Datasheet
374Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16601DGVRG4 TI-74ALVCH16601DGVRG4 Datasheet
374Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH16601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501A PHILIPS-74ABT16501A Datasheet
88Kb / 13P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
18-bit universal bus transceiver 3-State
1998 Sep 29
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com