Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16601
Description  18-bit universal bus transceiver; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16601 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16601 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
5 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration
16601
OEAB
CEAB
LEAB
CPAB
A0
B0
GND
GND
A1
B1
A2
B2
VCC
VCC
A3
B3
A4
B4
A5
B5
GND
GND
A6
B6
A7
B7
A8
B8
A9
B9
A10
B10
A11
B11
GND
GND
A12
B12
A13
B13
A14
B14
VCC
VCC
A15
B15
A16
B16
GND
GND
A17
B17
OEBA
CPBA
LEBA
CEBA
001aad247
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Table 3:
Pin description
Symbol
Pin
Description
OEAB
1
A-to-B output enable input (active LOW)
LEAB
2
A-to-B latch enable input
A0
3
data input or output (A side)
GND
4
ground (0 V)
A1
5
data input or output (A side)
A2
6
data input or output (A side)
VCC
7
voltage supply
A3
8
data input or output (A side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com