Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet(PDF) 15 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16601
Description  18-bit universal bus transceiver; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16601 Datasheet(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16601 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 19Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
14 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
Measurement points are given in Table 9.
The shaded areas indicate when the input is permitted to change for predictable output
performance.
Fig 8.
Data set-up and hold times
Measurement points are given in Table 9.
VOH is typical voltage output drop that occur with the output load.
Fig 9.
3-state output enable time to HIGH-level and output disable time from HIGH-level
Measurement points are given in Table 9.
VOL is typical voltage output drop that occur with the output load.
Fig 10. 3-state output enable time to LOW-level and output disable time from LOW-level
001aad255
VM
VM
VM
VM
VI
VI
VM
VM
tsu(H)
th(H)
tsu(L)
th(L)
0 V
0 V
input An, Bn,
CEAB, CEBA
input
LEAB or LEBA,
CPAB or CPBA
001aad309
input OEBA
or OEAB
output
An or Bn
VM
VY
VM
tPHZ
tPZH
VM
VOH
VI
0 V
0 V
001aad311
input OEBA
or OEAB
output
An or Bn
VM
VM
VX
tPLZ
tPZL
VM
0 V
VOL
VI
3.0 V or VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com