Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16601
Description  18-bit universal bus transceiver; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16601 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16601 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16601 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
6 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
A4
9
data input or output (A side)
A5
10
data input or output (A side)
GND
11
ground (0 V)
A6
12
data input or output (A side)
A7
13
data input or output (A side)
A8
14
data input or output (A side)
A9
15
data input or output (A side)
A10
16
data input or output (A side)
A11
17
data input or output (A side)
GND
18
ground (0 V)
A12
19
data input or output (A side)
A13
20
data input or output (A side)
A14
21
data input or output (A side)
VCC
22
voltage supply
A15
23
data input or output (A side)
A16
24
data input or output (A side)
GND
25
ground (0 V)
A17
26
data input or output (A side)
OEBA
27
B-to-A output enable input (active LOW)
LEBA
28
B-to-A latch enable input
CEBA
29
B-to-A clock enable (active LOW)
CPBA
30
B-to-A clock input (active rising edge)
B17
31
data input or output (B side)
GND
32
ground (0 V)
B16
33
data input or output (B side)
B15
34
data input or output (B side)
VCC
35
voltage supply
B14
36
data input or output (B side)
B13
37
data input or output (B side)
B12
38
data input or output (B side)
GND
39
ground (0 V)
B11
40
data input or output (B side)
B10
41
data input or output (B side)
B9
42
data input or output (B side)
B8
43
data input or output (B side)
B7
44
data input or output (B side)
B6
45
data input or output (B side)
GND
46
ground (0 V)
B5
47
data input or output (B side)
B4
48
data input or output (B side)
B3
49
data input or output (B side)
Table 3:
Pin description …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com